Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POE16SW18 Datasheet(PDF) 2 Page - Speco Technologies.

Part # POE16SW18
Description  HD-TVI Wall Mount Digital Video Recorder with Built-In Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.

POE16SW18 Datasheet(HTML) 2 Page - Speco Technologies.

  POE16SW18 Datasheet HTML 1Page - Speco Technologies. POE16SW18 Datasheet HTML 2Page - Speco Technologies. POE16SW18 Datasheet HTML 3Page - Speco Technologies.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
800.645.5516 • Fax: 631.957.9142 or 631.957.3880 • specotech.com
Please note that specifications and unit exterior design are subject to change without notification. Rev. 10/20/21
Technical Specifications:
HD-TVI Wall Mount Digital Video Recorder With Built In Power Supply
TVI
Models
D4WVXP
D8WVXP
Video
Input
Number of Channels
4
8
Camera Types
960H, HD-TVI 1/2/3/4MP
Output
Main Monitor
VGA and HDMI (Max. 1920x1080)
Sub Monitor
CVBS or SPOT (Selectable)
Audio
Input & Output
4 line input & 1 line output
Audio Codec
G.711
2-Way Audio
Local Port ↔ Network Client
Alarm
Sensor Input
4
4 or 8 (with Sensor Box)
Alarm Output
1
Serial
RS-485
1
Live
Frame Rate with 4MP Cameras
15fps/channel
Frame Rate with 3MP Cameras
18fps/channel
Frame Rate with 2MP Cameras
30fps/channel
Recording
Compression
H.264
Resolution & Frame Rate
2688x1520 (4MP)
10fps/channel
2304x1296 (3MP)
13fps/channel
1920x1080 (2MP)
15fps/channel
Recording Quality Grade
5 Levels
Recording Mode
Smart / Continuous / Motion / Sensor / Schedule / Manual
Pre-Recording
Max. 20 minutes
Post Recording
Max. 60 seconds
Playback
Search Mode
EZ Search, Smart (Museum) Search, Timeline, Event, Archive, Log
Multi-Decoding
1, 4
1, 4, 8
Playback Speed
x0.25, x0.5, x2, x4, x8, x16, x32, x64
Backup
Media
USB Drive, External HDD, Network
Format
BMP, AVI, Proprietary Format and EXE
Huge Backup
Yes (Max. 24 hours)
Storage
HDD
Capacity of 1 HDD
8TB
Internal HDDs
1
e-SATA
-
USB
Front
1
Rear
1
User I/F
Input Method
IR Remote Control, Mouse, Keyboard Controller
Network
Interface
10/100/1000 Base-TX
Dynamic DNS
Yes (Free DDNS)
Dual Streaming
Yes
Network Access
3G Mobile
iPad® / iPhone® / Android™
Web Viewer
Windows (Internet Explorer, Firefox)
PC Client
SpecoTech Multi-Client Viewer and SecureGuard® VMS
MAC Client
Speco Client for MAC and SecureGuard® VMS
Other Viewing Platforms
Apple TV and Amazon Fire TV
Remote Setup and Upgrade
Yes
Features
Digital Deterrent®
Default + up to 8 custom audio files
Digital Zoom
Yes
DST (Daylight Savings)
Yes
EZ Record
Yes
S.M.A.R.T
Yes
Internal Beep
By video loss, HDD error
Multi-Language
English / Spanish / French
SW Upgrade
USB upgrade
Email Notification
Yes
NTP (Network Time Protocol)
Yes
Power
Power Supply Voltage
12VDC 3A
Allowable Operating Temperature / Humidity
41° F - 104° F / 20% - 80% RH
Allowable Storage Temperature
14° F - 122° F
Weight
Unit Weight (Gross Weight)
4 lbs.
Dimensions
Unit Dimensions (W x H x L)
11.5” (W) x 15” (H) x 3.5” (L)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com