Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D16HT Datasheet(PDF) 2 Page - Speco Technologies.

Part # D16HT
Description  HT Full Hybrid Video Recorder with Looping Outputs and Real-Time Recording
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.

D16HT Datasheet(HTML) 2 Page - Speco Technologies.

  D16HT Datasheet HTML 1Page - Speco Technologies. D16HT Datasheet HTML 2Page - Speco Technologies.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
800-645-5516 • Fax: 631-957-9142 or 631-957-3880 • specotech.com
HD DVR Specifications
Please note that specifications and unit exterior design are subject to change without notification. Rev. 12/17/20
Model
D8HT
D16HT
Video
Input
IP Channels
Up to 8
Up to 16
HD-TVI / Analog Channels
Up to 8
Up to 16
Output
HDMI®
1 HDMI (1280x720 / 1920x1080 / 1600x1200)
VGA
1 VGA (1280x720 / 1920x1080 / 1600x1200)
CVBS / SPOT
1
Loopouts
8 (HD-TVI and Analog channels only)
16 (HD-TVI and Analog channels only)
Audio
Input
8 line input, 8 IP input
16 line input, 16 IP input
Output
Local Output (RCA)
1
1
Audio Codec
G.711
Alarm
Sensor Input
Local Input
4
4
Remote Input from IP Camera
8
16
Alarm Output
1
1
RS-485
PTZ
1
Recording
Compression
H.264 (baseline, main, high profile)
Resolution
IP
2592x1944 (5MP)
240fps
480fps
2098 x 1536 (3MP)
240fps
480fps
1920 x 1080 (2MP)
240fps
480fps
1280x720 (720p)
240fps
480fps
HD-TVI
1920 x 1080 (1080p)
240fps
480fps
1280 x 720 (720p)
240fps
480fps
Analog
960H
240fps
480fps
Recording Quality Grade (Analog Only)
5 levels
Recording Mode
Continuous / Motion / Sensor / Schedule / Manual / Continuous + Sensor / Continuous + Motion
Pre-Recording
Max. 20 minutes
Post Recording
Max. 60 seconds
Playback
Search
EZ Search, Date/Time, Event, Archive, Log, Smart Search
Multi-Decoding
1, 4, 8
1, 4, 9, 16
Playback Speed
x0.25, x0.5, x2, x4, x8, x16, x32, x64
Backup
Media
USB Drive, External HDD, Network
Format
BMP, AVI, Proprietary Format (NSP)
Large Backup
Yes (max. 24 hours)
Storage
HDD
Capacity of 1 HDD
4TB
Internal HDDs
3
e-SATA
1
USB
2 front, 1 rear
User I/F
Menu Display
GUI
Input Method
Front Buttons, IR, Mouse, Keyboard Controller
Network
Interface
Dual Network Ports 10/100/1000Base-T
Streaming
IP Channel
Depends on profile
HD-TVI and Analog Channel
640 x 360, 320x 180 @ 30fps/channel
Dual Encoding for Network
Yes
Max. Throughput
48Mbps
Network
Access
Mobile Viewer
SecureGuard® Mobile, Speco Player
PC Web Viewer
IE, Chrome, Firefox, Safari (Live, Search, Backup, PTZ, Remote Setup)
PC Client
SecureGuard®
Features
Digital Deterrent®
Default + up to 8 audio files
Digital Zoom
Yes
DLS (Daylight Savings)
Yes
EZ Search, Smart Search
Yes
S.M.A.R.T
Yes
Cloud Backup on Event
Yes
Multi-Language
Yes
Dynamic DNS
Yes (free Speco DDNS)
SW Upgrade
USB and remote software upgrade
E-mail Notification / Twitter
Yes
NTP (Network Time Protocol)
Yes
Power Source
Power Supply Voltage
12VDC, 5A
12VDC, 6.67A
Allowable Operating Temperature / Humidity
41° F - 104° F / 20% - 80% RH (non-condensing)
Allowable Storage Temperature
14° F - 122° F
Weight
Unit Weight (Gross Weight)
12 lbs.
Dimensions
Unit Dimensions (W x H x D)
15” (W) x 2.83” (H) x 13.4” (D)
Technical Specifications:
HT Full Hybrid Video Recorder with Looping Outputs and Real-Time Recording



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com