Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCF/B1806F Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MCF/B1806F
Description  Chassis Mounting Transformers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCF/B1806F Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MCF/B1806F Datasheet HTML 1Page - List of Unclassifed Manufacturers MCF/B1806F Datasheet HTML 2Page - List of Unclassifed Manufacturers MCF/B1806F Datasheet HTML 3Page - List of Unclassifed Manufacturers MCF/B1806F Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Chassis Mounting Transformers
230V Single Primary
Page 3
04/10/05 V1.0
Rating
Load
Part Number
0-6V, 0-6V @ 6.25A
75VA - 10% Typical
Regulation
MCF/T2906F
0-9V, 0-9V @ 4.17A
MCF/T2909F
0-12V, 0-12V @ 3.12A
MCF/T2912F
0-15V, 0-15V @ 2.5A
MCF/T2915F
0-18V, 0-18V @ 2.08A
MCF/T2918F
0-24V, 0-24V @ 1.56A
MCF/T2924F
0-50V, 0-50V @ 0.75A
MCF/T2950F
0-6V, 0-6V @ 8.33A
100VA - 10% Typical
Regulation
MCF/B19606F
0-9V, 0-9V @ 5.55A
MCF/B19609F
0-12V, 0-12V @ 4.17A
MCF/B19612F
0-15V, 0-15V @ 3.33A
MCF/B19615F
0-18V, 0-18V @ 2.78A
MCF/B19618F
0-20V, 0-20V @ 2.5A
MCF/B19620F
0-24V, 0-24V @ 2.08A
MCF/B19624F
0-30V, 0-30V @ 1.67A
N/A
0-50V, 0-50V @ 1A
MCF/B19650F
0-6V, 0-6V @ 12.5A
150VA - 10% Typical
Regulation
MCF/T9606F
0-9V, 0-9V @ 8.33A
MCF/T9609F
0-12V, 0-12V @ 6.25A
MCF/T9612F
0-15V, 0-15V @ 5A
MCF/T9615F
0-18V, 0-18V @ 4.17A
MCF/T9618F
0-24V, 0-24V @ 3.12A
MCF.T9624F
0-50V, 0-50V @ 1.5A
MCF/T9650F
0-6V, 0-6V @ 16.7A
200VA - 7% Typical
Regulation
MCF/Y9606F
0-9V, 0-9V @ 11.1A
MCF/Y9609F
0-12V, 0-12V @ 8.3A
MCF/Y9812F
0-15V, 0-15V @ 6.67A
MCF/Y9615F
0-18V, 0-18V @ 5.55A
MCF/Y9618F
0-20V, 0-20V @ 5A
MCF/Y9620F
0-24V, 0-24V @ 4.17A
MCF/Y9624F
0-30V, 0-30V @ 3.33A
N/A
0-50V, 0-50V @ 2A
MCF/Y9650F
Part Numbers



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com