Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPC10 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # WPC10
Description  WALL PLATE SS W/1 .75 DIA
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

WPC10 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  WPC10 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.76
70
4.53
115
.75
19
.72
18.3
3.268±.0100
83±0.25
2X .20
5
NOTES:
1. MATERIAL: STAINLESS STEEL
2. MATERIAL THICKNESS: .032" [.8]
3. UNLESS OTHERWISE SPECIFIED TOLERANCE TO ±.008 [.2]
.18
4.5
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
WPC10
B
WPC10.SLDDRW
1
1
D.PARHAM
05/28/2003
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
R.CARRICK
05/28/2003
05/28/03
A
B
INITIAL RELEASE
ECN5615: UPDATED TO SUPPLIERS DIMENSIONS
07/19/11
MCCORMICK
DFP
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
WALL PLATE SS W/1 .75 DIA
TELECOM/MODULAR
PROJECTION
UNLESS OTHERWISE SPECIFIED,
C.MCCORMICK
COLOR VARIATIONS
MAY OCCUR
05/28/2003
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - WPC10

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
WPC10R CANDD-WPC10R Datasheet
114Kb / 4P
2:1 WIDE INPUT RANGE DC/DC CONVERTER
WPC10R24D05 CANDD-WPC10R24D05 Datasheet
114Kb / 4P
2:1 WIDE INPUT RANGE DC/DC CONVERTER
WPC10R24D12 CANDD-WPC10R24D12 Datasheet
114Kb / 4P
2:1 WIDE INPUT RANGE DC/DC CONVERTER
WPC10R24D15 CANDD-WPC10R24D15 Datasheet
114Kb / 4P
2:1 WIDE INPUT RANGE DC/DC CONVERTER
WPC10R24S03 CANDD-WPC10R24S03 Datasheet
114Kb / 4P
2:1 WIDE INPUT RANGE DC/DC CONVERTER
More results

Similar Description - WPC10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PRF40 ETC2-PRF40 Datasheet
83Kb / 1P
MESH 0.75MM DIA STEEL PLATE 0.85MM STEEL
logo
Lumins Inc.
SR515 LUMINIS-SR515 Datasheet
267Kb / 2P
Sealed cast aluminum wall mounting plate
logo
Weidmuller
1050000000 WEIDMULLER-1050000000 Datasheet
208Kb / 2P
W-Series, End plate
October 6, 2021
1050040000 WEIDMULLER-1050040000 Datasheet
208Kb / 2P
W-Series, End plate
October 6, 2021
1060000000 WEIDMULLER-1060000000 Datasheet
207Kb / 2P
W-Series, End plate
October 6, 2021
1074600000 WEIDMULLER-1074600000 Datasheet
207Kb / 2P
W-Series, End plate
September 18, 2021
1142990000 WEIDMULLER-1142990000 Datasheet
210Kb / 2P
W-Series, End plate
October 4, 2021
logo
Tripp Lite. All Rights ...
N042U-W01-S TRIPPLITE-N042U-W01-S Datasheet
43Kb / 2P
1-Port UK-Style Keystone Wall Plate, Unloaded Shuttered Module, White
N042U-WK1-S TRIPPLITE-N042U-WK1-S Datasheet
42Kb / 2P
1-Port UK-Style Wall Plate, Unloaded Shuttered Module, White
N042U-WK1-SA TRIPPLITE-N042U-WK1-SA Datasheet
46Kb / 2P
1-Port UK-Style Wall Plate, Unloaded Shuttered Angled Module, White
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com