Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPD3 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # WPD3
Description  WALL PLATE SS W/1D-SUB/.5 DIA
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

WPD3 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  WPD3 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.78
70.6
2.27
57.5
1.85
47.0
3.23
82.0
.508
12.90
2X,
.204
5.18
.45
11.3
.474
12.04
4.53
115.1
.19
4.8
NOTES:
MATERIAL: .036" (20 GAUGE) STAINLESS STEEL.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
(2) #6-32 UNC-2A x 3/4" LG OVAL HEAD SCREWS INCLUDED.
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
WPD3
A
WPD3.SLDDRW
1
1
D.DESJARDIN
6/29/12
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
S.SMITH
6/29/12
6/29/12
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
WALL PLATE SS W/1D-SUB/.5 DIA
WALL PLATES
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D.FRISIELLO
COLOR VARIATIONS
MAY OCCUR
6/29/12
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - WPD3

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
WPD-06 MEANWELL-WPD-06 Datasheet
160Kb / 6P
Wireless DC multi-channel PWM dimmer
logo
Clarke International
WPD100 CLARKE-WPD100 Datasheet
3Mb / 24P
DIESEL ENGINE DRIVEN 4” PUMP
GC 05/26 - Rev 1
logo
Infinite Electronics In...
WPD100 L-COM-WPD100 Datasheet
57Kb / 1P
WALL PLATE STAINLESS BLANK 1G
9/6/11
WPD109 L-COM-WPD109 Datasheet
46Kb / 1P
WALL PLT SS DB9 D-SUB
6/5/2002
WPD115 L-COM-WPD115 Datasheet
46Kb / 1P
WALL PLT SS DB15 D-SUB
6/5/2002
More results

Similar Description - WPD3

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
PAA4 LUMINIS-PAA4 Datasheet
102Kb / 2P
4?? 5??Dia. aluminum poles
logo
List of Unclassifed Man...
PRF40 ETC2-PRF40 Datasheet
83Kb / 1P
MESH 0.75MM DIA STEEL PLATE 0.85MM STEEL
logo
E-SWITCH
K900021 E-SWITCH-K900021 Datasheet
90Kb / 1P
MATERIAL: BRASS W/NICKLE PLATE
logo
Cooper Bussmann, Inc.
SS-5-5A-AP COOPER-SS-5-5A-AP Datasheet
531Kb / 3P
Subminiature Fuses SS-5 Series, Time-Delay
logo
Lumins Inc.
SR515 LUMINIS-SR515 Datasheet
267Kb / 2P
Sealed cast aluminum wall mounting plate
logo
Weidmuller
1050000000 WEIDMULLER-1050000000 Datasheet
208Kb / 2P
W-Series, End plate
October 6, 2021
1050040000 WEIDMULLER-1050040000 Datasheet
208Kb / 2P
W-Series, End plate
October 6, 2021
1060000000 WEIDMULLER-1060000000 Datasheet
207Kb / 2P
W-Series, End plate
October 6, 2021
1074600000 WEIDMULLER-1074600000 Datasheet
207Kb / 2P
W-Series, End plate
September 18, 2021
1142990000 WEIDMULLER-1142990000 Datasheet
210Kb / 2P
W-Series, End plate
October 4, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com