Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRTB-AILMS1 Datasheet(PDF) 17 Page - ams-OSRAM AG

Part # KRTB-AILMS1
Description  Micro SIDELED® 3806
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KRTB-AILMS1 Datasheet(HTML) 17 Page - ams-OSRAM AG

Back Button KRTB-AILMS1 Datasheet HTML 13Page - ams-OSRAM AG KRTB-AILMS1 Datasheet HTML 14Page - ams-OSRAM AG KRTB-AILMS1 Datasheet HTML 15Page - ams-OSRAM AG KRTB-AILMS1 Datasheet HTML 16Page - ams-OSRAM AG KRTB-AILMS1 Datasheet HTML 17Page - ams-OSRAM AG KRTB-AILMS1 Datasheet HTML 18Page - ams-OSRAM AG KRTB-AILMS1 Datasheet HTML 19Page - ams-OSRAM AG KRTB-AILMS1 Datasheet HTML 20Page - ams-OSRAM AG KRTB-AILMS1 Datasheet HTML 21Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
KRTB AILMS1
DATASHEET
DATASHEET
17 | Version 1.5 | 2024-11-27
Max. Permissible Forward Current 3)
I
F = f(T); ● red
020406080
Ts /°C
0
5
10
15
20
25
30
IF /mA
KRTB AILMS1
one chip on
Don'tuse below 1mA
Max. Permissible Forward Current 3)
I
F = f(T); ● true green
020406080
Ts /°C
0
5
10
15
20
25
30
IF /mA
KRTB AILMS1
one chip on
Don'tuse below 1mA
Max. Permissible Forward Current 3)
I
F = f(T); ● blue
020406080
Ts /°C
0
5
10
15
20
25
30
IF /mA
KRTB AILMS1
one chip on
Don'tuse below 1mA
Max. Permissible Forward Current 3)
IF = f(T); all chips on
020406080
Ts /°C
0
5
10
15
20
25
30
IF /mA
KRTB AILMS1
allchips on
Don'tuse below 1mA
:red
:blue
:green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com