Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KW2-C2LPL3-TK Datasheet(PDF) 22 Page - ams-OSRAM AG

Part # KW2-C2LPL3-TK
Description  OSLON™ Submount PL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KW2-C2LPL3-TK Datasheet(HTML) 22 Page - ams-OSRAM AG

Back Button KW2-C2LPL3-TK Datasheet HTML 16Page - ams-OSRAM AG KW2-C2LPL3-TK Datasheet HTML 17Page - ams-OSRAM AG KW2-C2LPL3-TK Datasheet HTML 18Page - ams-OSRAM AG KW2-C2LPL3-TK Datasheet HTML 19Page - ams-OSRAM AG KW2-C2LPL3-TK Datasheet HTML 20Page - ams-OSRAM AG KW2-C2LPL3-TK Datasheet HTML 21Page - ams-OSRAM AG KW2-C2LPL3-TK Datasheet HTML 22Page - ams-OSRAM AG KW2-C2LPL3-TK Datasheet HTML 23Page - ams-OSRAM AG KW2-C2LPL3-TK Datasheet HTML 24Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
KW2 C2LPL3.TK
DATASHEET
DATASHEET
22 | Version 1.2 | 2026-03-09
Glossary
1)
Brightness: Brightness values are measured during a current pulse of typically 1 ms, with an internal
reproducibility of ±8 % and an expanded uncertainty of ±11 % (acc. to GUM with a coverage factor of
k = 3).
2)
Operating Temperature: The Operating Temperatur Top is referenced to the Solderpoint Ts of this de-
vice. Proper current derating must be observed to maintain junction temperature below the maximum.
3)
Reverse Operation: This product is intended to be operated applying a forward current within the
specified range. Applying any continuous reverse bias or forward bias below the voltage range of light
emission shall be avoided because it may cause migration which can change the electro-optical char-
acteristics or damage the LED.
4)
Chromaticity coordinate groups: Chromaticity coordinates are measured during a current pulse of
typically 1 ms, with an internal reproducibility of ±0.005 and an expanded uncertainty of ±0.01 (acc. to
GUM with a coverage factor of k = 3).
5)
Forward Voltage: The forward voltage is measured during a current pulse of typically 1 ms, with an
internal reproducibility of ±0.05 V and an expanded uncertainty of ±0.1 V (acc. to GUM with a coverage
factor of k = 3).
6)
Thermal Resistance: Rth max is based on statistic values (6σ) used for Derating.
7)
Typical Values: Due to the special conditions of the manufacturing processes of semiconductor devic-
es, the typical data or calculated correlations of technical parameters can only reflect statistical figures.
These do not necessarily correspond to the actual parameters of each single product, which could dif-
fer from the typical data and calculated correlations or the typical characteristic line. If requested, e.g.
because of technical improvements, these typ. data will be changed without any further notice.
8)
Characteristic curve: In the range where the line of the graph is broken, you must expect higher differ-
ences between single devices within one packing unit.
9)
Tolerance of Measure: Unless otherwise noted in drawing, tolerances are specified with ±0.1 and
dimensions are specified in mm.
10)
Tape and Reel: All dimensions and tolerances are specified acc. IEC 60286-3 and specified in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com