Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK5027PLCC52 Datasheet(PDF) 10 Page - STMicroelectronics

Part # MK5027PLCC52
Description  SS7 SIGNALLING LINK CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK5027PLCC52 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button MK5027PLCC52 Datasheet HTML 6Page - STMicroelectronics MK5027PLCC52 Datasheet HTML 7Page - STMicroelectronics MK5027PLCC52 Datasheet HTML 8Page - STMicroelectronics MK5027PLCC52 Datasheet HTML 9Page - STMicroelectronics MK5027PLCC52 Datasheet HTML 10Page - STMicroelectronics MK5027PLCC52 Datasheet HTML 11Page - STMicroelectronics MK5027PLCC52 Datasheet HTML 12Page - STMicroelectronics MK5027PLCC52 Datasheet HTML 13Page - STMicroelectronics MK5027PLCC52 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
MK5027 ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
Temperature under Bias
–25
°C to +100°C
Storage Temperature
–65
°C to +150°C
Voltage on Any Pin with Respect to Ground
–0.5V to VCC +0.5V
Power Dissipation
0.50W
Stresses above those listed under ”Absolute Maximum Ratings” may cause permanent damage to the above device. This is a stress rating only
and functional operation of the device at these or any other condition above those indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating conditions for extended periods may affectdevice reliability.
DC CHARACTERISTICS
TA=0
°Cto 70 °C, VCC = +5V ±5 percent unless otherwise specified.
Symbol
Parameter
Min.
Typ.
Max.
Units
VIL
-0.5
+0.8
V
VIH
+2.0
VCC+0.5
V
VOL
@ IOL = 3.2 mA
+0.5
V
VOH
@ IOH= -0.4 mA
+2.4
V
IIL
@ VIN = 0.4 to VCC
+10
mA
ICC
@ TSCT = 100 ns
50
µA
CAPACITANCE
f = 1MHz
Symbol
Parameter
Min.
Typ.
Max.
Units
CIN
Capacitance on Input pins
10
pF
COUT
Capacitance on Output Pins
10
pF
CIO
Capacitance on I/O pins
20
pF
AC TIMING SPECIFICATIONS
TA =0
°Cto 70 °C, VCC = +5V ±5 percent, unless otherwise specified.
No
Signal
Symbol
Parameter
Test
Condition
Min.
Typ.
Max.
Units
1
SYSCLK
TSCT
SYSCLK period
100
20000
ns
2
SYSCLK
TSCL
SYSCLK low time
45
ns
3
SYSCLK
TSCH
SYSCLK high time
45
ns
4
SYSCLK
TSCR
Rise time of SYSCLK
0
8
ns
5
SYSCLK
TSCF
Fall time of SYSCLK
0
8
ns
6
TCLK
TTCT
TCLK period
140
ns
7
TCLK
TTCL
TCLK low time
63
ns
8
TCLK
TTCH
TCLK high time
63
ns
9
TCLK
TTCR
Rise time of TCLK
CL = 50 pF
0
8
ns
10
TCLK
TTCF
Fall time of TCLK
0
8
ns
11
TD
TTDP
TD data propagation delay after the
falling edge of TCLK
CL = 50 pF
40
ns
12
TD
TTDH
TD data hold time after the falling edge
of TCLK
5ns
MK5027
10/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com