Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H25PLCC Datasheet(PDF) 20 Page - STMicroelectronics

Part # MK50H25PLCC
Description  HIGH SPEED LINK LEVEL CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H25PLCC Datasheet(HTML) 20 Page - STMicroelectronics

Back Button MK50H25PLCC Datasheet HTML 16Page - STMicroelectronics MK50H25PLCC Datasheet HTML 17Page - STMicroelectronics MK50H25PLCC Datasheet HTML 18Page - STMicroelectronics MK50H25PLCC Datasheet HTML 19Page - STMicroelectronics MK50H25PLCC Datasheet HTML 20Page - STMicroelectronics MK50H25PLCC Datasheet HTML 21Page - STMicroelectronics MK50H25PLCC Datasheet HTML 22Page - STMicroelectronics MK50H25PLCC Datasheet HTML 23Page - STMicroelectronics MK50H25PLCC Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
ONLY and is set by the chip and cleared by writing a ”1” to the bit or by
Bus RESET. Under normal operation the host should clear the PAV bit
after PPRIM is read.
05:04
PPARM
PROVIDER PARAMETER provides additional information about the
reason for the receipt of certain primitives. The following table shows
the parameters for the applicable provider primitives. This field is unde-
fined for other provider primitives.
PPRIM
PPARM
Disconnect
Indication
Disconnect
Confirmation
Reset
Indication
Error
Indication
Remote Busy
Indication
0
Remotely
Initiated
UA or DM F=1
Received
Remotely
Initiated
Unsolicited
DM/F=0 Rcvd
Remote Busy
RNR Received
1
SABM Timeout
DISC Timeout
Timer
Recovery
Timeout
Remote Un-
Busy RR or
REJ Rcvd.
2
FRMR Sent the
DISC or DM
Rcvd.
FRMR Sent
then SABM/E
Received
FRMR
Received
3
T3 Timeout
T3 Timeout
Unsolicited Ua
or F bit
Received
03:00
PPRIM
PROVIDER PRIMITIVE is written by the MK50H25, in conjunction with
with setting the PAV bit, to inform the user of link control conditions.
Valid Provider Primitives are as follows:
2
Init Confirmation: Indicates MK50H25 Init Block reading has completed.
3
Watchdog Timer Expiry Indication: Indicates expiration of TCLK or RCLK
watchdog timer as determined by the value of PPARM. (PPARM=1indi-
cates TCLK, PPARM=2 indicates RCLK If PLOST is set it indicates
both RCLK and TCLK watchdog timer expiry). Issued only if enabled.
4
Error Indication: Indicates an Error condition has occurred during the
Information Transfer phase that requires instruction by the Host for re-
covery. See the PPARM table for specific error conditions. Appropriate
Host responses are Connect Response or Disconnect Request.
5
Remote Busy Indication: Indicates change in the Remote Busy status of
the MK50H25. See PPARM table for specific conditions. This primitive
is only generated if RBSY (bit 11 of IADR+16) is set = 1.
6
Connect Indication: Indicates attempt by the Primary station to establish
a logical link (SABM received). Appropriate user responses are Con-
nect Response or Disconnect Request.
7
Connect Confirmation: Indicates sucess of a previous Connect Request
by the user. A logical link is now established.
8
Reset Indication: If a logical link has been established, it indicates an
attempt by the Primary station to reset the current logical link (SABM
received). Appropriate user responses are Reset Response or Discon-
nect Request. In Transparent Mode or Disconnected Phase, it indi-
cates expiry of timer T1.
9
Reset Confirmation: Indicates sucess of a previous Reset Request by
the user. The current logical link has now been reset.
10
XID Indication: Indicates the receipt of an XID command. The data field
MK50H25
20/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com