Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDC9G. Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SDC9G.
Description  OUTLINE DRAWING
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

SDC9G. Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SDC9G. Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.39
2X 4-40 UNC-2A
1.22
.63
.280
NOTE:
1. HOOD: FLAME RETARDANT GRAY PLASTIC
2. HARDWARE PROVIDED: MALE GENDER TERMINATION
3. ALL HARDWARE SHOWN PROVIDED WITH CONNECTOR
KIT.
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN
CHECKED
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
OUTLINE DRAWING
A
B
C
D
1
2
3
4
5
6
7
8
SDC9G-OD1
A
SDC9G-OD1.SLDDRW
1
1
D PARHAM
11/19/2001
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
T CLARK
R CARRICK
11/19/2001
11/19/2001
11/19/01
A
.
RELEASED FOR PRODUCTION
.
.
DFP
.
..
.
.
CABLE LENGTH TOLERANCE
<300" ±5% >300" ±2%
DRAWING TITLE
PRODUCT DESCRIPTION
D-SUB HOODS
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN INCHES
TOLERANCES ARE:
.X .1
.XX .05
.XXX .005
.
.
..
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
1:1
FSCM NO.
43321


Similar Part No. - SDC9G.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDC9G ETC2-SDC9G Datasheet
75Kb / 1P
OUTLINE DRAWING
More results

Similar Description - SDC9G.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FSU10A40 ETC1-FSU10A40 Datasheet
115Kb / 5P
OUTLINE DRAWING
logo
M/A-COM Technology Solu...
OD-S-30 MA-COM-OD-S-30 Datasheet
392Kb / 3P
Outline Drawing
OD-S-31 MA-COM-OD-S-31 Datasheet
217Kb / 2P
Outline Drawing
OD-S-36 MA-COM-OD-S-36 Datasheet
99Kb / 1P
Outline Drawing
OD-S-111 MA-COM-OD-S-111 Datasheet
132Kb / 1P
Outline Drawing
OD-S-131 MA-COM-OD-S-131 Datasheet
92Kb / 1P
Outline Drawing
OD-S-137 MA-COM-OD-S-137 Datasheet
120Kb / 1P
Outline Drawing
OD-S-144 MA-COM-OD-S-144 Datasheet
113Kb / 1P
Outline Drawing
OD-S-150 MA-COM-OD-S-150 Datasheet
115Kb / 1P
Outline Drawing
OD-S-296 MA-COM-OD-S-296 Datasheet
131Kb / 1P
Outline Drawing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com