Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDG1026KCS-R5E Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # TDG1026KCS-R5E
Description  CPLR RJ45 F-F CAT5E SHIELDED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

TDG1026KCS-R5E Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  TDG1026KCS-R5E Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.580
14.73
.760
19.30
.64
16.13
19.2
.75
2X .32
8.1
POSITION 1
MAY OCCUR
A
B
C
D
COLOR VARIATIONS
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
NORTH ANDOVER, MA
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
12/14/2009
UNLESS OTHERWISE SPECIFIED,
8
TDG1026KCS-R5E
D
TDG1026KCS-R5E.SLDDRW
1
12/17/2009
REVISIONS
DESCRIPTION
APPROVED
REV
1
D. CASTRO
DATE
P. MCNEIL
12/17/2009
6/17/13
D. DESJARDIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
D
ECN 6881: REVISED PANEL OPENING. UPDATED COMPLIANCE NOTE
TELECOM / MODULAR
PROJECTION
43321
D. PARHAM
UNDIMENSIONED FEATURES
CPLR RJ45 F-F CAT5E SHIELDED
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .05
.XXX = ±.005
D
D
NOTES:
1. RATING: CATEGORY 5E
2. COUPLER IS WIRED STRAIGHT THROUGH
3. JACKS CONFORM TO TIA-1096
4. HOUSING: ABS, UL94V-0 RATED, COLOR: BLACK
5. SHIELDING: NICKEL PLATED
6. CONTACT PLATING: 30µINCHES GOLD
7. COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
8. ALL DIMENSIONS ARE FOR REFERENCE ONLY.
REGULATORY COMPLIANCE:
ROHS, CE
POSITION 1
.58
14.6
9.9
.39
1.41
35.8
.72
18.3
RECOMMENDED
PANEL OPENING


Similar Part No. - TDG1026KCS-R5E

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
TDG1026KCS-R5E L-COM-TDG1026KCS-R5E Datasheet
70Kb / 1P
CPLR RJ45 F/F CAT5E SHIELDED RT ANGLE
12/14/2009
More results

Similar Description - TDG1026KCS-R5E

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6800 POMONA-6800 Datasheet
158Kb / 1P
F (M/F) Right Angle, F(M/F), F (F/F) Bulkhead, F (F) PCB
logo
Assmann Electronics Inc...
A-RJ45GFS-R ASSMANN-A-RJ45GFS-R Datasheet
346Kb / 1P
RJ45 SHIELDED CAT5E JACK
logo
Tripp Lite. All Rights ...
N032-001 TRIPPLITE-N032-001 Datasheet
163Kb / 2P
Cat5e Straight Through Modular Shielded In-Line Coupler (RJ45 F/F)
N234-001-SH TRIPPLITE-N234-001-SH Datasheet
161Kb / 3P
Cat6 Straight-Through Modular Shielded Compact In-Line Coupler (RJ45 F/F), TAA
N235-001-SH TRIPPLITE-N235-001-SH Datasheet
158Kb / 2P
Cat6 Straight Through Modular Shielded In-line Snap-in Coupler (RJ45 F/F), TAA
N235-001-SH-6A TRIPPLITE-N235-001-SH-6A Datasheet
166Kb / 3P
Cat6a Straight-Through Modular Shielded In-Line Snap-In Coupler (RJ45 F/F), TAA
N034-001-SH TRIPPLITE-N034-001-SH Datasheet
171Kb / 2P
Cisco Serial Console Rollover Adapter (M/F) - RJ45 to RJ45, Shielded, Blue
logo
HARTING Technology Grou...
33-50-399-8141-010 HARTING-33-50-399-8141-010 Datasheet
529Kb / 2P
FB Hybrid PFT f/RJ45fl ang/- 1.0m
2021-12-11
logo
Tripp Lite. All Rights ...
N235-D01-SH-6A TRIPPLITE-N235-D01-SH-6A Datasheet
40Kb / 3P
Cat6a Shielded In-Line DIN-Rail Mountable Snap- In Coupler (RJ45 F/F), TAA
logo
Electronic Components L...
CP30220S CLIFF-CP30220S Datasheet
185Kb / 1P
CAT5e RJ45 SHIELDED FEEDTHROUGH CONNECTOR
04/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com