Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS8PC5 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # TDS8PC5
Description  PLUG,RJ45 8X8 SHLD W/SR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

TDS8PC5 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  TDS8PC5 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LOAD BAR
FULLY SHIELDED PLUG
RoHS Compliant 
.660
16.76
J
7X .040
1.02
STRAIN RELIEF CABLE RANGE: .228 [5.79] TO .256 [6.50] O.D.
.460
11.68
.128
3.25
.260
6.60
NOTES:
MATERIAL:
HOUSING, LOAD BAR: POLYCARBONATE, CLEAR, UL94V-0
CONTACTS: PHOSPHOR BRONZE
SHIELD/STRAIN RELIEF: BRASS
FINISH:
CONTACTS: 50 MICROINCHES [1.27 MICRON] MIN. GOLD IN CONTACT AREA
OVER 100 MICROINCHES [2.54 MICRON] MIN. NICKEL PLATE OVERALL.
SHIELD/STRAIN RELIEF: 100 MICROINCHES [2.54 MICRON] NICKEL
ELECTRICAL:
VOLTAGE: 125 VAC. MAX.
CURRENT: 1.5 AMPS MAX.
MECHANICAL:
CONTACT STYLE: 2 PRONG
COMPATIBLE WITH STRANDED AND SOLID CONDUCTORS
CONDUCTOR RANGE: 24 - 26 AWG
MAX. CONDUCTOR INSULATION DIAMETER: .042 [1.07]
PARTS SHALLL CONFORM TO TIA-1096
MISCELLANEOUS:
OPERATING TEMPERATURE RANGE: -40°C TO +125°C
TERMINATED CONTACT HEIGHT: .237±.005 [6.02±.13]
FOR TERMINATION OR TOOLING INFORMATION PLEASE VISIT
THE APPROPRIATE PRODUCT PAGE AT WWW.L-COM.COM
PACKAGE PER SPEC. PS-0032
D
C
B
A
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SIZE
DWG. NO.
B
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
1
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF
L-COM, INC. ANY REPRODUCTIONS IN PART OR WHOLE WITHOUT THE WRITTEN
PERMISSION OF L-COM, INC. IS PROHIBITED.
REVISIONS
REV
DESCRIPTION
DATE
CHANGED BY
REV.
J
D. PARHAM
T. CLARK
C. McCORMICK
2/3/2004
2/3/2004
2/3/2004
H
ECN 4491: CN RELEASE
1/12/10
D. CASTRO
H
03/18/10
ECN99999: ADDED RoHS COMPLIANT STAMP
DFP
J
ECN5431: .660 WAS .618
04/08/11 DFP
PLUG,RJ45 8X8 SHLD W/SR
CATEGORY
PRODUCT DESCRIPTION
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
TDS8PC5
FSCM NO.
43321
SHEET 1 OF 1
CAD FILE: TDS8PC5.SLDDRW
SCALE: 4:1
MODULAR
PROJECTION
1AD03-013
COLOR VARIATIONS
MAY OCCUR
DIMENSIONS ARE IN INCHES [mm]
UNLESS OTHERWISE SPECIFIED,
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2[51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ±.2
.XX = ±.02
.XXX = ± .005


Similar Part No. - TDS8PC5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDS8PC6 ETC2-TDS8PC6 Datasheet
61Kb / 1P
RJ45 CAT6 SHLD PLUG W/ STRN RL
Rev. E
More results

Similar Description - TDS8PC5

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
101210FHACPM400ZA SUYIN-USA-101210FHACPM400ZA Datasheet
217Kb / 9P
RJ45 2횞1 PORT W/LED ,W/TRANSFORMER
101210FHACVM440ZA SUYIN-USA-101210FHACVM440ZA Datasheet
217Kb / 9P
RJ45 2횞1 PORT W/LED ,W/TRANSFORMER
logo
List of Unclassifed Man...
ECF504-SC5E ETC2-ECF504-SC5E Datasheet
72Kb / 1P
KIT, PANEL COUPLER, DELUXE, CAT 5E SHLD RJ45
logo
CUI INC
SJD-3511-33 CUI-SJD-3511-33 Datasheet
306Kb / 1P
DUAL STACK 3.5mm STEREO JACK w/ FNT SHLD
SJD-3511-45 CUI-SJD-3511-45 Datasheet
329Kb / 1P
DUAL STACK 3.5mm STEREO JACK w/ FNT SHLD
SJD-3512-33 CUI-SJD-3512-33 Datasheet
147Kb / 1P
DUAL STACK 3.5mm STEREO JACK w/ SHLD
SJD-3512-45 CUI-SJD-3512-45 Datasheet
148Kb / 1P
DUAL STACK 3.5mm STEREO JACK w/ SHLD
logo
HARTING Technology Grou...
09-12-000-9958 HARTING-09-12-000-9958 Datasheet
459Kb / 2P
RJ45 Plug
09-00-000-6103 HARTING-09-00-000-6103 Datasheet
446Kb / 1P
Han split hood SR plug pin
2021-10-01
logo
List of Unclassifed Man...
TDS8PC6 ETC2-TDS8PC6 Datasheet
61Kb / 1P
RJ45 CAT6 SHLD PLUG W/ STRN RL
Rev. E
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com