Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M9366-RBN3T Datasheet(PDF) 4 Page - STMicroelectronics

Part # M9366-RBN3T
Description  4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M9366-RBN3T Datasheet(HTML) 4 Page - STMicroelectronics

  M9366-RBN3T Datasheet HTML 1Page - STMicroelectronics M9366-RBN3T Datasheet HTML 2Page - STMicroelectronics M9366-RBN3T Datasheet HTML 3Page - STMicroelectronics M9366-RBN3T Datasheet HTML 4Page - STMicroelectronics M9366-RBN3T Datasheet HTML 5Page - STMicroelectronics M9366-RBN3T Datasheet HTML 6Page - STMicroelectronics M9366-RBN3T Datasheet HTML 7Page - STMicroelectronics M9366-RBN3T Datasheet HTML 8Page - STMicroelectronics M9366-RBN3T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
M93S66, M93S56, M93S46
4/34
SUMMARY DESCRIPTION
This specification covers a range of 4K, 2K, 1K bit
serial Electrically Erasable Programmable Memo-
ry (EEPROM) products (respectively for M93S66,
M93S56, M93S46). In this text, these products are
collectively referred to as M93Sx6.
Figure 2. Logic Diagram
Table 1. Signal Names
The M93Sx6 is accessed through a serial input (D)
and output (Q) using the MICROWIRE bus proto-
col. The memory is divided into 256, 128, 64 x16
bit words (respectively for M93S66, M93S56,
M93S46).
The M93Sx6 is accessed by a set of instructions
which includes Read, Write, Page Write, Write All
and instructions used to set the memory protec-
tion. These are summarized in Table 2. and Table
3.).
A Read Data from Memory (READ) instruction
loads the address of the first word to be read into
an internal address pointer. The data contained at
this address is then clocked out serially. The ad-
dress pointer is automatically incremented after
the data is output and, if the Chip Select Input (S)
is held High, the M93Sx6 can output a sequential
stream of data words. In this way, the memory can
be read as a data stream from 16 to 4096 bits (for
the M93S66), or continuously as the address
counter automatically rolls over to 00h when the
highest address is reached.
Within the time required by a programming cycle
(tW), up to 4 words may be written with help of the
Page Write instruction. the whole memory may
also be erased, or set to a predetermined pattern,
by using the Write All instruction.
Within the memory, a user defined area may be
protected against further Write instructions. The
size of this area is defined by the content of a Pro-
tection Register, located outside of the memory ar-
ray. As a final protection step, data may be
permanently protected by programming a One
Time Programming bit (OTP bit) which locks the
Protection Register content.
Programming is internally self-timed (the external
clock signal on Serial Clock (C) may be stopped or
left running after the start of a Write cycle) and
does not require an erase cycle prior to the Write
instruction. The Write instruction writes 16 bits at a
time into one of the word locations of the M93Sx6,
the Page Write instruction writes up to 4 words of
16 bits to sequential locations, assuming in both
cases that all addresses are outside the Write Pro-
tected area. After the start of the programming cy-
cle, a Busy/Ready signal is available on Serial
Data Output (Q) when Chip Select Input (S) is driv-
en High.
Figure 3. DIP, SO and TSSOP Connections
Note: See PACKAGE MECHANICAL section for package dimen-
sions, and how to identify pin-1.
S
Chip Select Input
D
Serial Data Input
Q
Serial Data Output
C
Serial Clock
PRE
Protection Register Enable
W
Write Enable
VCC
Supply Voltage
VSS
Ground
AI02020
D
VCC
M93Sx6
VSS
C
Q
PRE
W
S
VSS
Q
W
PRE
C
SVCC
D
AI02021
M93Sx6
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com