Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDLR-3M2F Datasheet(PDF) 4 Page - PATLITE CORPORATION.

Part # EDLR-3M2F
Description  Explosion-proof Signal Tower
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

EDLR-3M2F Datasheet(HTML) 4 Page - PATLITE CORPORATION.

  EDLR-3M2F Datasheet HTML 1Page - PATLITE CORPORATION. EDLR-3M2F Datasheet HTML 2Page - PATLITE CORPORATION. EDLR-3M2F Datasheet HTML 3Page - PATLITE CORPORATION. EDLR-3M2F Datasheet HTML 4Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
■EDLR-302F
■EDLR-3M2F
■
Terminal Conformity Cable
■
Cable gland
Certified Ex cable gland (Marking: Ex db ⅡC Gb)
shall be used to equipment and installed in
accordance with EN/IEC 60079-14.
[5.Wiring Drawing]
Drawing No.
Rev.
Page
E
FC : Common for Flashing
- : Empty
R : Red
A : Amber
G : Green
E : Earth Ground
FC : Common for Flashing
CC : Common for Lighting
R : Red
A : Amber
G : Green
E : Earth Ground
24V DC
100-240V AC
4/4
EDLR-302F-E-W18



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com