Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF-M2-R-E Datasheet(PDF) 1 Page - PATLITE CORPORATION.

Part # REF-M2-R-E
Description  Explosion-proof Beacon
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

REF-M2-R-E Datasheet(HTML) 1 Page - PATLITE CORPORATION.

  REF-M2-R-E Datasheet HTML 1Page - PATLITE CORPORATION. REF-M2-R-E Datasheet HTML 2Page - PATLITE CORPORATION. REF-M2-R-E Datasheet HTML 3Page - PATLITE CORPORATION. REF-M2-R-E Datasheet HTML 4Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
[1.General Specifications]
*¹ Characteristics may vary from specifications.
*² Protection Rating based on in-house evaluation, not IECEx/ATEX certified.
There are no contents of controlled substances exceeding the threshold for the RoHS
Directive.
Remarks
VAC applied for 1min between live part and non-current carrying metallic part without
breaking insulation
Conformity Standards
Explosion-proof
Zone
Ex mark
Explosion-proof
Specifications
Outer Dimensions
Refer to [ 3.Outer Drawing ]
Mass (Tolerance ±10%)
90-250V AC (50/60Hz)
10-30V DC
45m/s²
(JIS C 60068-2-6:2010)
20m/s²
(JIS C 60068-2-6:2010)
120 rpm
Flashing Rate
Indoor & Outdoor
-20℃ to +55℃
100-240V AC (50/60Hz)
Model
Rated Voltage
Rated Current
Consumption *¹
Storage Ambient Humidity
Less than 90% (No condensation)
Max.
Max.
0.4A
0.1A
Triple-flash
Withstand Voltage
Environmental Condition
Operating Ambient Temperature
Operating Voltage Range
Product Name
Storage Ambient Temperature
-30℃ to +65℃
Page
SPECIFICATIONS
Drawing No.
Rev.
E
Explosion-proof Beacon
REF-M1
REF-M2
12-24V DC
Mounting Direction
Environmental Condition
Operating Ambient Humidity
5.5W
5.0W
Upright
120 flashes per minute
7.06kg
Mounting Location
Protection Rating
More than 1MΩ at 500V DC between live part and non-current carrying metallic part
Insulation Resistance
Luminous Intensity (Typ.)
Red: 150cd, Amber: 220cd
Rotation Flashing Rate
Upright
Zone 1 (Class Ⅰ hazardous locations)
Zone 2 (Class Ⅱ hazardous locations)
IECEx - Ex db ⅡB+H₂ T6 Gb
ATEX -
Ⅱ
2 G Ex db ⅡB+H₂ T6 Gb
Rated Power
Consumption *¹
Vibration Resistance
IEC 60079-0 : 2017 (Ed.7) and IEC 60079-1 : 2014 (Ed.7)
EN IEC 60079-0 and EN IEC 60079-1
RoHS Directive (EN50581), ATEX Directive 2014/34/EU
IP65 (IEC 60529) *²
Less than 90% (No condensation)
500V AC
1500V AC
Upright
1/4
REF-M1-E-W18


Similar Part No. - REF-M2-R-E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
REF-MHA50WIMI111T INFINEON-REF-MHA50WIMI111T Datasheet
1Mb / 33P
REF-MHA50WIMI111T user guide iMOTION™ fan driver reference design kit
2023-02-09 V1.0
More results

Similar Description - REF-M2-R-E

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440T-MERSE10 ALLEN-BRADLEY-440T-MERSE10 Datasheet
53Kb / 2P
Explosion-Proof
440K-H11145 ALLEN-BRADLEY-440K-H11145 Datasheet
59Kb / 2P
Explosion Proof
logo
Systemsensor advanced i...
WFD20EXP SYSTEMSENSOR-WFD20EXP Datasheet
108Kb / 2P
Explosion Proof Waterflow Detector
OSYEXP SYSTEMSENSOR-OSYEXP Datasheet
118Kb / 2P
Explosion Proof Supervisory Switch
logo
Gamewell-FCI by Honeywe...
XAL-53 GAMEWELL-FCI-XAL-53 Datasheet
202Kb / 2P
Explosion-Proof Pull Station
logo
ASM GmbH
WS100 ASM-SENSOR-WS100 Datasheet
580Kb / 8P
analog output Explosion-proof
WS10EX ASM-SENSOR-WS10EX Datasheet
274Kb / 5P
analog output Dust explosion-proof
logo
Systemsensor advanced i...
WFDEXP SYSTEMSENSOR-WFDEXP Datasheet
431Kb / 2P
Explosion Proof Waterflow Detector
logo
TT Electronics.
DS1432 TTELEC-DS1432 Datasheet
329Kb / 2P
Explosion Proof Flow Switch
logo
STEGO Elektrotechnik Gm...
CREX020-T3 STEGO-CREX020-T3 Datasheet
280Kb / 1P
EXPLOSION-PROOF ENCLOSURE HEATER
18.10.2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com