Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WDT-5LR-Z2 Datasheet(PDF) 2 Page - PATLITE CORPORATION.

Part # WDT-5LR-Z2
Description  Wireless Data Acquisition System Transmitter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

WDT-5LR-Z2 Datasheet(HTML) 2 Page - PATLITE CORPORATION.

  WDT-5LR-Z2 Datasheet HTML 1Page - PATLITE CORPORATION. WDT-5LR-Z2 Datasheet HTML 2Page - PATLITE CORPORATION. WDT-5LR-Z2 Datasheet HTML 3Page - PATLITE CORPORATION. WDT-5LR-Z2 Datasheet HTML 4Page - PATLITE CORPORATION. WDT-5LR-Z2 Datasheet HTML 5Page - PATLITE CORPORATION. WDT-5LR-Z2 Datasheet HTML 6Page - PATLITE CORPORATION. WDT-5LR-Z2 Datasheet HTML 7Page - PATLITE CORPORATION. WDT-5LR-Z2 Datasheet HTML 8Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
WD Product Name: Wireless Data Acquisition System Series
2.
.
.
.General Specifications
For LR5 Series Signal Tower
Transmitter
WD T-□LR-Z2
Z2
For LR4 Series Signal Tower
6
ページ
1.
.
.
.Model
T
4
Contents
Connected model
LR4 Series Signal Tower
Body unit top attachment
LR5 Series Signal Tower
Body unit top attachment
LR6 Series Signal Tower
Body unit top attachment
5
図番
改訂
K
Zigbee2007Pro 2.4GHz type
Operating Voltage Range
Rated Current Consumption
Operating Ambient Temperature
Operating Ambient Humidity
Storage Ambient Temperature
For LR6 Series Signal Tower
Contents
WDT-4LR-Z2
WDT-5LR-Z2
WDT-6LR-Z2
Mass
Outer Dimensions
Item
Withstand Voltage
Storage Ambient Humidity
Mounting Location
Mounting Method
Protection Rating
Insulation Resistance
Rated Voltage
24V DC
19.0V DC~26.4V DC
Max.55mA
-10℃~+50℃
85%RH or less, no condensation
-20℃ ~ +60℃
85%RH or less, no freezing
Indoor Only
Upright
IP 65 (IEC 60529), NEMA TYPE 4X,13
Environmental Conditions
Refer to the Outer Dimension Drawing
500VAC applied for 1min between live part and non-current carrying metallic part without
breaking insulation
More than 5MΩ at 500VDC between live part and non-current carrying metallic part
Based on LR4 Series Signal Tower Based on LR5 Series Signal Tower Based on LR6 Series Signal Tower
70g±10g
74g±10g
85g±10g
2/8
WDT-6LR-Z2-W18



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com