Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WDT-6LR-Z2 Datasheet(PDF) 3 Page - PATLITE CORPORATION.

Part # WDT-6LR-Z2
Description  Wireless Data Acquisition System Transmitter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

WDT-6LR-Z2 Datasheet(HTML) 3 Page - PATLITE CORPORATION.

  WDT-6LR-Z2 Datasheet HTML 1Page - PATLITE CORPORATION. WDT-6LR-Z2 Datasheet HTML 2Page - PATLITE CORPORATION. WDT-6LR-Z2 Datasheet HTML 3Page - PATLITE CORPORATION. WDT-6LR-Z2 Datasheet HTML 4Page - PATLITE CORPORATION. WDT-6LR-Z2 Datasheet HTML 5Page - PATLITE CORPORATION. WDT-6LR-Z2 Datasheet HTML 6Page - PATLITE CORPORATION. WDT-6LR-Z2 Datasheet HTML 7Page - PATLITE CORPORATION. WDT-6LR-Z2 Datasheet HTML 8Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
 3.1. Wireless Specifications
and countries. Failure to do so may come into conflict with the law.
Standard Format
Sets up five types of signal tower information.
(Format compatible with WDT-5E-Z2 and WDT-6M-Z2.)
Request transmission mode
Send only after receiving a signal tower status request from the host PC.
Select Signal Tower
Information Format
It is possible to select from 2 types of Extended Format and standard Format.
Extended Format
Sets up six types of signal tower information.
4. Function Specifications
Item
Description
Signal Tower Transmission
Information
It is possible to select from 2 types of Immediate transmission mode and
Request transmission mode.
Immediate transmission mode
Send immediately after the status of the signal tower changes.
ページ
図番
改訂
K
3.
.
.
.Performance Specifications
WDT-4LR-Z2
WDT-5LR-Z2
WDT-6LR-Z2
Item
100 ms or longer
Indicator for monitoring the status
IEEE 802.15.4 (Wireless Communications)
Contents
2405MHz - 2480MHz(16 channel)
Direct Sequence Spread Spectrum (DS-SS)
ZigBee2007 Conformity(original Profile lmplementation)
No more than 3mW (Depending on Antenna Access Point)
DIP switches
Japan, USA, Europe, Korea
Taiwan, Thailand, China
Canada, Malaysia
Vietnam, Philippines
Singapore
Japan, USA, Europe, Korea
Taiwan, Thailand, China
Canada, Malaysia
Vietnam, Philippines
Singapore
Mexico
※2 Please do not use any regions nor countries other than admitted regions
Approximately 30 m from source (reference value) 
※1
※1 The radio transmission is dependent upon the environment and installed location.
Control signal input
6 points (red, amber, green, blue, white, buzzer)
Remarks
Telecommunication Protocols
Communication Frequency
Communication system
Communication protocols
Transmitter Output
Communication distance
Usable regions
※2
External Contact Input
Input Reaction Time
Display Unit
Operation Unit
Number of Contacts
3/8
WDT-6LR-Z2-W18



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com