Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STULPI01A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STULPI01A
Description  HS USB ULPI transceiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01A Datasheet(HTML) 1 Page - STMicroelectronics

  STULPI01A Datasheet HTML 1Page - STMicroelectronics STULPI01A Datasheet HTML 2Page - STMicroelectronics STULPI01A Datasheet HTML 3Page - STMicroelectronics STULPI01A Datasheet HTML 4Page - STMicroelectronics STULPI01A Datasheet HTML 5Page - STMicroelectronics STULPI01A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
August 2007
Rev. 1
1/6
6
STULPI01A
STULPI01B
HS USB ULPI transceiver
Features
■ Fully compliant with:
Universal Serial Bus Specification Revision
2.0, On-The-Go Supplement to the USB 2.0
Spec. Rev. 1.0a, UTMI+ Low Pin Interface
transceiver specification 1.1
■ Fully compliant with ULPI 1.1 register set
■ Supports high-speed (480 Mbit/s), full-speed
(12 Mbit/s) and low-speed (1.5 Mbit/s) modes
of operation
■ Integrated HS termination and FS/LS/OTG
pull-up/ pull-down resistors
■ Supports both single (SDR) and Dual-edge
data rate (DDR) on ULPI interface
■ Supports Session Request Protocol (SRP) and
Host Negotiation Protocol (HNP) for dual-role-
device features
■ Ability to control ext. charge pump for higher
VBUS currents
■ External square wave clock with 1V8VIO
amplitude must be applied to oscillator input XI
■ On request 19.2 MHz or 26 MHz oscillator
frequency, external crystal version, can be
provided
■ Supports 2.7 V UART mode
■ Single supply, +3 V to +4.5 V voltage range
■ Integrated dual voltage regulator to supply
internal circuits with stable 3.3 V and 1.2 V
■ Integrated over current detector
■ Integrated USB2.0 §7.1.1 "Short Circuit
Withstand" protection
■ Power down mode with very low power
consumption for battery-powered devices
■ -40°C to 85°C operating temperature range
■ Available in µTFBGA36 RoHS package
Applications
■ Mobile phones
■ PDAs
■ MP3 players
■ Digital still cameras
■ Video camera
■ Printer
■ Navigation system
■ Set top box
Description
The STULPI01 is a high-speed ULPI (UTMI+ Low
Pin Interface), USB OTG transceiver which
provides complete physical layer solution for any
high speed USB host, device or OTG dual role
core. It allows USB ASICs to interface with the
physical layer of the USB through 12-pin or 8-pin
interface. It contains VBUS comparators, ID line
detector, complete ULPI register map and
interrupt generator, and the USB differential driver
and receivers. The STULPI01 transceiver is
suitable for mobile applications and battery
powered devices thanks to its low power
consumption and power down operating mode.
µTFBGA36
Lead-free Package
www.st.com


Similar Part No. - STULPI01A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STULPI01A STMICROELECTRONICS-STULPI01A Datasheet
606Kb / 44P
High speed USB On-The-Go ULPI transceiver
20-Jun-2008
STULPI01ATBR STMICROELECTRONICS-STULPI01ATBR Datasheet
606Kb / 44P
High speed USB On-The-Go ULPI transceiver
20-Jun-2008
STULPI01A STMICROELECTRONICS-STULPI01A_08 Datasheet
606Kb / 44P
High speed USB On-The-Go ULPI transceiver
20-Jun-2008
STULPI01A STMICROELECTRONICS-STULPI01A_12 Datasheet
1Mb / 44P
High-speed USB On-The-Go ULPI transceiver
07-Jun-2012
More results

Similar Description - STULPI01A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1505C NXP-ISP1505C Datasheet
393Kb / 76P
ULPI Hi-Speed USB host and peripheral transceiver
Rev. 03-26 August 2008
ISP1506A NXP-ISP1506A_08 Datasheet
427Kb / 80P
ULPI Hi-Speed USB OTG transceiver
Rev. 02-28 August 2008
ISP1512A NXP-ISP1512A Datasheet
285Kb / 56P
ULPI Hi-Speed USB transceiver
Rev. 01-31 July 2008
logo
Cypress Semiconductor
CY7C68003 CYPRESS-CY7C68003 Datasheet
160Kb / 5P
MoBL-USB TX2UL USB 2.0 ULPI Transceiver
CY7C68003 CYPRESS-CY7C68003_10 Datasheet
652Kb / 27P
MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
logo
STMicroelectronics
STULPI01A STMICROELECTRONICS-STULPI01A_12 Datasheet
1Mb / 44P
High-speed USB On-The-Go ULPI transceiver
07-Jun-2012
logo
Cypress Semiconductor
CY7C68003 CYPRESS-CY7C68003_13 Datasheet
673Kb / 30P
MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
logo
List of Unclassifed Man...
ISP1507A ETC2-ISP1507A Datasheet
1Mb / 81P
ULPI Hi-Speed USB On-The-Go transceiver
logo
Microchip Technology
USB3370 MICROCHIP-USB3370 Datasheet
1Mb / 75P
Enhanced Single Supply Hi-Speed USB ULPI Transceiver
01/27/15
USB334X MICROCHIP-USB334X Datasheet
1Mb / 92P
Enhanced Single Supply Hi-Speed USB ULPI Transceiver
10/25/17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com