Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7575BPDTR Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7575BPDTR
Description  2 x 75W multifunction dual-bridge power amplifier with integrated digital diagnostics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7575BPDTR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7575BPDTR Datasheet HTML 15Page - STMicroelectronics TDA7575BPDTR Datasheet HTML 16Page - STMicroelectronics TDA7575BPDTR Datasheet HTML 17Page - STMicroelectronics TDA7575BPDTR Datasheet HTML 18Page - STMicroelectronics TDA7575BPDTR Datasheet HTML 19Page - STMicroelectronics TDA7575BPDTR Datasheet HTML 20Page - STMicroelectronics TDA7575BPDTR Datasheet HTML 21Page - STMicroelectronics TDA7575BPDTR Datasheet HTML 22Page - STMicroelectronics TDA7575BPDTR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
TDA7575B
Software specifications
19/32
6
Software specifications
All the functions of the TDA7575B are activated by I2C interface.
The bit 0 of the "ADDRESS BYTE" defines if the next bytes are write instruction (from
μP to
TDA7575B) or read instruction (from TDA7575B to µP).
Table 5.
Address selection
If R/W = 0, the
μP sends 2 "Instruction Bytes": IB1 and IB2.
Table 6.
IB1
A6
1
A5
1
A4
0
A3
1
A2
0
A1
B
A0
A
R/W
X
D7
0
D6
Diagnostic enable (D6 = 1)
Diagnostic defeat (D6 = 0)
D5
Offset Detection enable (D5 = 1)
Offset Detection defeat (D5 = 0)
D4
Gain = 26dB (D4 = 0)
Gain = 12dB (D4 = 1)
D3
0
D2
Mute (D2 = 0)
Unmute (D2 = 1)
D1
0
D0
CD 2% (D0 = 0)
CD 10% (D0 = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com