Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7850H Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7850H
Description  4 x 50 W MOSFET quad bridge power amplifier plus HSD
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7850H Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7850H Datasheet HTML 9Page - STMicroelectronics TDA7850H Datasheet HTML 10Page - STMicroelectronics TDA7850H Datasheet HTML 11Page - STMicroelectronics TDA7850H Datasheet HTML 12Page - STMicroelectronics TDA7850H Datasheet HTML 13Page - STMicroelectronics TDA7850H Datasheet HTML 14Page - STMicroelectronics TDA7850H Datasheet HTML 15Page - STMicroelectronics TDA7850H Datasheet HTML 16Page - STMicroelectronics TDA7850H Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
TDA7850
Electrical specifications
13/18
Figure 18.
Power dissipation vs. output power
(RL = 4Ω, audio program simulation)
Figure 19.
Power dissipation vs. output power
(RL = 2Ω, audio program simulation)
Figure 20.
ITU R-ARM frequency response,
weighting filter for transient pop
AC00076
5
10
15
20
25
30
01
234
56
VS = 13.2 V
RL = 4 x 4
Ω
GAUSSIAN NOISE
CLIP START
Ptot (W)
Po (W)
AC00077
5
10
15
20
25
30
35
40
45
50
55
60
02
46
8
10
VS = 13.2 V
RL = 4 x 2
Ω
GAUSSIAN NOISE
CLIP START
Ptot (W)
Po (W)
Output attenuation (dB)
-50
-40
-30
-20
-10
0
10
10
100
1000
10000
100000
Hz
AC00343



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com