Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB081E Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # AT45DB081E
Description  8-Mbit DataFlash (with Extra 256 kbits), 1.7 V Minimum SPI Serial Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB081E Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button AT45DB081E Datasheet HTML 17Page - Renesas Technology Corp AT45DB081E Datasheet HTML 18Page - Renesas Technology Corp AT45DB081E Datasheet HTML 19Page - Renesas Technology Corp AT45DB081E Datasheet HTML 20Page - Renesas Technology Corp AT45DB081E Datasheet HTML 21Page - Renesas Technology Corp AT45DB081E Datasheet HTML 22Page - Renesas Technology Corp AT45DB081E Datasheet HTML 23Page - Renesas Technology Corp AT45DB081E Datasheet HTML 24Page - Renesas Technology Corp AT45DB081E Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
DS-AT45DB081E-028 Rev. N
Page 21
3/17/26
© 2013-2026 Renesas Electronics
AT45DB081E Datasheet
7.3
Buffer to Main Memory Page Program without Built-In Erase
The Buffer to Main Memory Page Program without Built-In Erase command allows data that is stored in one of the
SRAM buffers to be written into a pre-erased page in the main memory array. It is necessary that the page in main
memory to be written be previously erased in order to avoid programming errors.
To perform a Buffer to Main Memory Page Program without Built-In Erase using the standard DataFlash page size
(264 bytes), an opcode of 88h for Buffer 1 or 89h for Buffer 2 must be clocked into the device followed by three
address bytes comprised of three dummy bits, 12 page address bits (PA11 - PA0) that specify the page in the main
memory to be written, and nine dummy bits.
To perform a Buffer to Main Memory Page Program using the binary page size (256 bytes), an opcode of 88h for
Buffer 1 or 89h for Buffer 2 must be clocked into the device followed by three address bytes comprised of 4
dummy bits, 12 page address bits (A19 - A8) that specify the page in the main memory to be written, and eight
dummy bits.
When a low-to-high transition occurs on the CS pin, the device programs the data stored in the appropriate buffer
into the specified page in the main memory. The page in main memory that is being programmed must have been
previously erased using one of the erase commands (Page Erase, Block Erase, Sector Erase, or Chip Erase).
The programming of the page is internally self-timed and takes place in a maximum time of tP. During this time, the
RDY/BUSY bit in the Status Register indicates that the device is busy.
The device also incorporates an intelligent programming algorithm that can detect when a byte location fails to
program properly. If a programming error arises, it is indicated by the EPE bit in the Status Register.
7.4
Main Memory Page Program through Buffer with Built-In Erase
The Main Memory Page Program through Buffer with Built-In Erase command combines the Buffer Write and
Buffer to Main Memory Page Program with Built-In Erase operations into a single operation to help simplify
application firmware development. With the Main Memory Page Program through Buffer with Built-In Erase
command, data is first clocked into either Buffer 1 or Buffer 2, the addressed page in memory is then automatically
erased, and then the contents of the appropriate buffer are programmed into the just-erased main memory page.
To perform a Main Memory Page Program through Buffer using the standard DataFlash page size (264 bytes), an
opcode of 82h for Buffer 1 or 85h for Buffer 2 must first be clocked into the device followed by three address bytes
comprised of three dummy bits, 12 page address bits (PA11 - PA0) that specify the page in the main memory to be
written, and nine buffer address bits (BFA8 - BFA0) that select the first byte in the buffer to be written.
To perform a Main Memory Page Program through Buffer using the binary page size (256 bytes), an opcode of
82h for Buffer 1 or 85h for Buffer 2 must first be clocked into the device followed by three address bytes comprised
of 4 dummy bits, 12 page address bits (A19 - A8) that specify the page in the main memory to be written, and eight
buffer address bits (BFA7 - BFA0) that select the first byte in the buffer to be written.
After all address bytes have been clocked in, the device takes data from the input pin (SI) and stores this data in
the specified data buffer. If the end of the buffer is reached, the device wraps around back to the beginning of the
buffer. When there is a low-to-high transition on the CS pin, the device first erases the selected page in main
memory (the erased state is a Logic 1) and then programs the data stored in the buffer into that main memory
page. Both the erasing and the programming of the page are internally self-timed and take place in a maximum
time of tEP. During this time, the RDY/BUSY bit in the Status Register indicates that the device is busy.
The device also incorporates an intelligent erase and programming algorithm that can detect when a byte location
fails to erase or program properly. If an erase or program error arises, it is indicated by the EPE bit in the Status
Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com