Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA-141FSMSM018 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CA-141FSMSM018
Description  CA SMA M/M .141 FORMABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CA-141FSMSM018 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CA-141FSMSM018 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
REF LENGTH CODE CHART
.141
FORMABLE,
50 OHM COAX CABLE
2X, SMA MALE, GOLD PLATED
STRAIGHT CONNECTOR
NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHM
FREQUENCY RANGE: 0 - 18 GHz
MISCELLANEOUS:
CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
LENGTH CODE CHART
CABLE# & LENGTH
LENGTH SYMBOL
EXAMPLES OF PART# USED
CA-141FSMSMXXX
WHERE XXX = LENGTH IN INCHES
CA-141FSMSM16 (16 INCHES)
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
CA-141FSMSM
A
CA-141FSMSM.SLDDRW
1
1
K.BURGNER
9/24/10
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
K.BURGNER
9/24/10
9/27/10
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
CA SMA M/M .141 FORMABLE
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D.FRISIELLO
COLOR VARIATIONS
MAY OCCUR
9/24/10
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - CA-141FSMSM018

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CA-141FSMSM012 L-COM-CA-141FSMSM012 Datasheet
59Kb / 1P
CA SMA M/M .141 FORMABLE
9/24/10
More results

Similar Description - CA-141FSMSM018

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
72976 POMONA-72976 Datasheet
141Kb / 1P
SMA (M) TO SMB (M)
logo
Mini-Circuits
SM-BM50 MINI-SM-BM50 Datasheet
216Kb / 1P
SMA-M to BNC-M
logo
Winchester Electronics ...
SD879-2-1 WINCHESTER-SD879-2-1 Datasheet
51Kb / 1P
SMA ADAPTER (M-M)
logo
TE Connectivity Ltd
C-2016655 TEC-C-2016655 Datasheet
177Kb / 1P
RF CA,SMA M TO SMA M,WITHOUT ARMOR 18GHz
C-2016656 TEC-C-2016656 Datasheet
179Kb / 1P
RF CA, SMA M TO SMA M,18GHz
C-2016661 TEC-C-2016661 Datasheet
183Kb / 1P
RF CA,PC2.4 M TO PC2.4 M, 50GHz
C-2016662 TEC-C-2016662 Datasheet
190Kb / 1P
RF CA,PC2.92 M TO PC2.92 M, 40GHz
C-2016703 TEC-C-2016703 Datasheet
474Kb / 1P
RF CA,N M TO SMA M,WITH ARMOR 18GHz
logo
Wurth Elektronik GmbH &...
65503503215307 WURTH-65503503215307 Datasheet
224Kb / 5P
SMA Straight Plug to SMA Straight Bulkhead Jack on Hand-Formable Cable .141 WR-CXASY
001.001
65503503515307 WURTH-65503503515307 Datasheet
213Kb / 5P
SMA Straight Plug to SMA Straight Plug on Hand-Formable Cable .141 WR-CXASY
001.001
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com