Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USP2DPF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # USP2DPF
Description  USP SUB-PNL W/2 DP F-F CPLR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

USP2DPF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  USP2DPF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2X, DISPLAY PORT
COUPLER, F/F
PIN 1
4X, 6-32 UNC-2B
THRU
68.1
2.68
3.23
82.0
70.10
2.760
55.88
2.200
1.10
27.9
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
USP-2DPF
1
A
A
PROJECTION
CATEGORY
7
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
COLOR VARIATIONS
B
C
D
50 HIGH STREET
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
M.MARTINEZ
UNLESS OTHERWISE SPECIFIED,
1
8
USP-2DPF.SLDDRW
7/25/17
REVISIONS
DESCRIPTION
MAY OCCUR
7/25/17
DATE
7/25/17
INITIAL RELEASE
M.MARTINEZ
D.FRISIELLO
D.FRISIELLO
6
APPROVED
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
7/25/17
43321
RACK/ENCLOSURES
REV
NORTH ANDOVER, MA
UNDIMENSIONED FEATURES
USP SUB-PNL W/2 DP F-F CPLR
PRODUCT DESCRIPTION
A
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]
2X, 4-40 UNC-2B
HEX STANDOFF
1.18
30.0
.06
1.5
NOTES:
1. PANEL MATERIAL: .06 [1.5] THK COLD ROLLED STEEL.
2. PANEL FINISH: FLAT BLACK POWDER COAT.
3. KIT CONTAINS 4, #6-32 UNC SCREWS.
4. COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)


Similar Part No. - USP2DPF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
USP2DVIB L-COM-USP2DVIB Datasheet
61Kb / 1P
USP PANEL 2 DVI F-F
4/19/07
More results

Similar Description - USP2DPF

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6800 POMONA-6800 Datasheet
158Kb / 1P
F (M/F) Right Angle, F(M/F), F (F/F) Bulkhead, F (F) PCB
6779 POMONA-6779 Datasheet
192Kb / 1P
BNC(m)/F(f), BNC(f)/F(f), BNC(f)/F(m), BNC(m)/F(m)
logo
Winchester Electronics ...
SDKC-99-20 WINCHESTER-SDKC-99-20 Datasheet
36Kb / 1P
ADAPTER, BNC TEE, F-F-F
SDKN-99-14 WINCHESTER-SDKN-99-14 Datasheet
58Kb / 1P
ADAPTER, PNL, F-F, N
logo
ERNI Electronics
003814 ERNI-003814 Datasheet
130Kb / 1P
FEDERLEISTE F BA 2
logo
Winchester Electronics ...
KD-94-04M06 WINCHESTER-KD-94-04M06 Datasheet
45Kb / 1P
ADAPTER, BNC-C, F-W
logo
Tripp Lite. All Rights ...
A050000KJ TRIPPLITE-A050000KJ Datasheet
483Kb / 1P
Audio Keystone Jack, Snap-in Insert Module (R,W F-F)
logo
PHOENIX CONTACT
8419 PHOENIX-8419 Datasheet
192Kb / 12P
Axioline F bus coupler for PROFIBUS DP
logo
Tripp Lite. All Rights ...
A050-000-KJ TRIPPLITE-A050-000-KJ Datasheet
157Kb / 2P
Audio Keystone Jack, Snap-in Insert Module (R,W F/F)
logo
ATTEND Technology Inc.
115F ATTEND-115F Datasheet
291Kb / 5P
HINGE TYPE, 62 PIN, G/F, REEL, W/PEG, W/SWITCH, W/LOGO
2016/01/20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com