Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USP2DVIB Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # USP2DVIB
Description  USP PANEL 2 DVI F-F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

USP2DVIB Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  USP2DVIB Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
26.7
1.05
.06 1.5
2X, DVI ADAPTER F-F
CL
POSITION 1
4X, #6-32 UNC-2B
THRU
CL
82
2X,
1.10
2.200 55.88
68.1
27.9
2.68
3.23
2X, 2.760 70.10
8X, #4-40 UNC-2B
HEX JACK SCREW
NOTES:
1. PANEL MATERIAL: .06 [1.5] THK COLD ROLLED STEEL.
2. PANEL FINISH: FLAT BLACK POWDER COAT.
3. KIT CONTAINS 4, #6-32 UNC SCREWS.
4. ALL DIMENSIONS SHOWN ARE FOR REFERENCE ONLY.
5. PANEL ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
B
COLOR VARIATIONS
DATE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
RACK PANEL
NONE
3/17/15
3
D.FRISIELLO
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
USP PANEL 2 DVI F-F
FSCM NO.
4/19/07
A
B
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
NORTH ANDOVER, MA
4
5
PROJECTION
6
MAY OCCUR
7
USP2DVIB
B
1
P.McNEIL
4/20/07
8
REVISIONS
USP2DVIB.SLDDRW
REV
J.ROBERTS
4/20/07
A
B
UNDIMENSIONED FEATURES
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
4
5
6
7
8
4/20/07
DESCRIPTION
INITIAL RELEASE
1
43321
UNLESS OTHERWISE SPECIFIED,
D.FRISIELLO
MAY VARY
ECN 7862: REVISED JACK SCREW TO #4-40, ADDED NOTE 5, ROHS
APPROVED
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]


Similar Part No. - USP2DVIB

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
USP2DPF L-COM-USP2DPF Datasheet
62Kb / 1P
USP SUB-PNL W/2 DP F-F CPLR
7/25/17
More results

Similar Description - USP2DVIB

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD129-23-9 WINCHESTER-SD129-23-9 Datasheet
92Kb / 1P
ADAPTER F-F PANEL TNC
SDKA-91-04 WINCHESTER-SDKA-91-04 Datasheet
54Kb / 1P
ADAPTER, F-F, PANEL, TNC
SDKA-99-74 WINCHESTER-SDKA-99-74 Datasheet
56Kb / 1P
TNC PANEL ADAPTER (F-F)
SDKC-99-56 WINCHESTER-SDKC-99-56 Datasheet
49Kb / 1P
ADAPTER, F-F, PANEL, BNC
KA-99-66 WINCHESTER-KA-99-66 Datasheet
54Kb / 1P
ADAPTER, N-TNC, PANEL, F-F
logo
Tripp Lite. All Rights ...
P162000 TRIPPLITE-P162000 Datasheet
479Kb / 2P
DVI Coupler Gender Changer (F-F)
B120000 TRIPPLITE-B120000 Datasheet
507Kb / 2P
DVI Extender Equalizer, Dual-Link Video Repeater,2560x1600 at 60Hz (DVI F-F)
B120000SL TRIPPLITE-B120000SL Datasheet
507Kb / 2P
DVI Extender Equalizer, Single-Link Video Repeater,1920x1200 at 60Hz - 1080p (DVI F-F)
logo
Adam Technologies, Inc.
RF4-500-6 ADAM-TECH-RF4-500-6 Datasheet
75Kb / 1P
F FEMALE PANEL 2 HOLES
logo
Tripp Lite. All Rights ...
P162-000 TRIPPLITE-P162-000 Datasheet
157Kb / 2P
DVI Coupler Gender Changer (F/F)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com