Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USP2HDB Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # USP2HDB
Description  USP PANEL 2 HDMI F/F BLACK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

USP2HDB Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  USP2HDB Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2X, HMDI F-F
GENDER CHANGER
1.36 34.5
.06 1.5
D
A
DIMENSIONS ARE IN INCHES [mm]
6
J.ROBERTS
USP PANEL 2 HDMI F/F BLACK
PRODUCT DESCRIPTION
10/25/12
UNLESS OTHERWISE SPECIFIED,
DWG. NO.
CAD FILE:
C
01845
SIZE
SCALE:
APPROVALS
REV.
DATE
DRAWN BY
UNDIMENSIONED FEATURES
SHEET
3
4
CHECKED BY
C
21
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
5
PROJECTION
CATEGORY
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
D
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
A
B
A
OF
1
2
3
4
5
6
7
MAY OCCUR
8
USP2HDB
A
USP2HDB.SLDDRW
11
10/25/12
REVISIONS
DESCRIPTION
APPROVED
REV
P.McNEIL
DATE
CONFIGURATION DETAILS OF
10/25/12
10/25/12
A
D.FRISIELLO
D.FRISIELLO
B
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
INITIAL RELEASE
43321
RACK PANEL
COLOR VARIATIONS
APPROVED BY
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
CL
CL
THRU
4X, #6-32 UNC
2X, POSITION 1
NOTES:
1. PANEL MATERIAL: .06 [1.5] THK COLD ROLLED STEEL.
2. PANEL FINISH: FLAT BLACK POWDER COAT.
3. KIT CONTAINS 4, #6-32 UNC SCREWS.
4. ALL DIMENSIONS SHOWN ARE FOR REFERENCE ONLY.
5. COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
70.10
2.760
68.1
2.68
2.200
2X,
55.88
2X,
3.23 82
1.10 27.9


Similar Part No. - USP2HDB

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
USP2HDB15FB L-COM-USP2HDB15FB Datasheet
59Kb / 1P
USP SUB PANEL, W/2 HDB15 FEMALE GENDER CHANGER
3/19/07
More results

Similar Description - USP2HDB

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD129-23-9 WINCHESTER-SD129-23-9 Datasheet
92Kb / 1P
ADAPTER F-F PANEL TNC
SDKA-99-74 WINCHESTER-SDKA-99-74 Datasheet
56Kb / 1P
TNC PANEL ADAPTER (F-F)
SDKC-99-56 WINCHESTER-SDKC-99-56 Datasheet
49Kb / 1P
ADAPTER, F-F, PANEL, BNC
logo
Tripp Lite. All Rights ...
P164000 TRIPPLITE-P164000 Datasheet
478Kb / 2P
HDMI Coupler Gender Changer (F-F)
P164000KJWH TRIPPLITE-P164000KJWH Datasheet
502Kb / 2P
HDMI Keystone Wallplate Coupler, White (HDMI F-F)
logo
Adam Technologies, Inc.
RF4-500-6 ADAM-TECH-RF4-500-6 Datasheet
75Kb / 1P
F FEMALE PANEL 2 HOLES
logo
Tripp Lite. All Rights ...
P164-000 TRIPPLITE-P164-000 Datasheet
156Kb / 2P
HDMI Coupler Gender Changer (F/F)
P164-000-KJ-WH TRIPPLITE-P164-000-KJ-WH Datasheet
160Kb / 2P
HDMI Keystone Wallplate Coupler, White (HDMI F/F)
P164-000-KPA-BK TRIPPLITE-P164-000-KPA-BK Datasheet
172Kb / 2P
HDMI All-in-One Keystone/Panel Mount Angled Coupler (F/F), Black
P164-000-KP-BK TRIPPLITE-P164-000-KP-BK Datasheet
174Kb / 2P
HDMI All-in-One Keystone/Panel Mount Coupler (F/F), Black
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com