Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3906 Datasheet(PDF) 2 Page - STMicroelectronics

Part # MMBT3906
Description  SMALL SIGNAL PNP TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MMBT3906 Datasheet(HTML) 2 Page - STMicroelectronics

  MMBT3906 Datasheet HTML 1Page - STMicroelectronics MMBT3906 Datasheet HTML 2Page - STMicroelectronics MMBT3906 Datasheet HTML 3Page - STMicroelectronics MMBT3906 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-amb
• Thermal Resistance Junction-Ambient
Max
357.1
oC/W
• Device mounted on a PCB area of 1 cm2
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICEX
Collector Cut-off
Current (VBE = 3 V)
VCE = -30 V
-50
nA
IBEX
Collector Cut-off
Current (VBE = 3 V)
VCE = -30 V
-50
nA
V(BR)CEO
∗ Collector-Emitter
Breakdown Voltage
(IB = 0)
IC = -1 mA
-40
V
V(BR)CBO
Collector-Base
Breakdown Voltage
(IE = 0)
IC = -10
µA
-60
V
V(BR)EBO
Emitter-Base
Breakdown Voltage
(IC = 0)
IE = -10
µA
-6
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = -10 mA
IB = -1 mA
IC = -50 mA
IB = -5 mA
-0.25
-0.4
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = -10 mA
IB = -1 mA
IC = -50 mA
IB = -5 mA
-0.65
-0.85
-0.95
V
V
hFE
∗
DC Current Gain
IC = -0.1 mA
VCE = -1 V
IC = -1 mA
VCE = -1 V
IC = -10 mA
VCE = -1 V
IC = -50 mA
VCE = -1 V
IC = -100 mA
VCE = -1 V
60
80
100
60
30
300
fT
Transition Frequency
IC = -10mA VCE = -20 V f = 100MHz
250
MHz
NF
Noise Figure
VCE = -5 V
IC = -0.1 mA
f = 10 Hz
to 15.7 KHz
RG = 1 K
Ω
4dB
CCBO
Collector-Base
Capacitance
IE = 0
VCB = -5 V
f = 100 KHz
6
pF
CEBO
Emitter-Base
Capacitance
IC = 0
VEB = -0.5 V
f = 100 KHz
25
pF
td
Delay Time
IC = -10 mA
IB = -1 mA
VCC = -3V
35
ns
tr
Rise Time
35
ns
ts
Storage Time
IC = -10 mA
IB1 = -IB2 = -1 mA
VCC = -3V
225
ns
tf
Fall Time
72
ns
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 2 %
MMBT3906
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com