Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KW-CSLPM2-PC Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # KW-CSLPM2-PC
Description  OSLON® Square Flat
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KW-CSLPM2-PC Datasheet(HTML) 2 Page - ams-OSRAM AG

  KW-CSLPM2-PC Datasheet HTML 1Page - ams-OSRAM AG KW-CSLPM2-PC Datasheet HTML 2Page - ams-OSRAM AG KW-CSLPM2-PC Datasheet HTML 3Page - ams-OSRAM AG KW-CSLPM2-PC Datasheet HTML 4Page - ams-OSRAM AG KW-CSLPM2-PC Datasheet HTML 5Page - ams-OSRAM AG KW-CSLPM2-PC Datasheet HTML 6Page - ams-OSRAM AG KW-CSLPM2-PC Datasheet HTML 7Page - ams-OSRAM AG KW-CSLPM2-PC Datasheet HTML 8Page - ams-OSRAM AG KW-CSLPM2-PC Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
KW CSLPM2.PC
DATASHEET
DATASHEET
2 | Version 1.7 | 2023-01-04
OSLON® Square Flat
KW CSLPM2.PC
The most compact 3 x 3 mm high power LED with an electrical-
ly isolated thermal pad allows for superior heat dissipation de-
signs. The flat package shape enhances color homogeneity due
to reduced color over angle variation. Extremely low thermal
resistance helps to maintain the efficiency remarkably high even
when driven at higher currents.
Applications
- Entertainment
- Transportation
Features
- Package: Ceramic package
- Chip technology: UX:3
- Typ. Radiation: 120° (Lambertian emitter)
- Color: Cx = 0.32, Cy = 0.33 acc. to CIE 1931 (● white)
- Corrosion Robustness Class: 2B
- Color temperature: 5000K - 6500K
- CRI: 70 (typ.)
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com