Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1004M Datasheet(PDF) 1 Page - STMicroelectronics

Part # MSC1004M
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MSC1004M Datasheet(HTML) 1 Page - STMicroelectronics

  MSC1004M Datasheet HTML 1Page - STMicroelectronics MSC1004M Datasheet HTML 2Page - STMicroelectronics MSC1004M Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RF & MICROWAVE TRANSISTORS
AVIONICS APPLICATIONS
.280 2L FL (SO68)
epoxy sealed
.
1025 - 1150 MHz
.
RUGGEDIZED VSWR
:1
.
INTERNAL INPUT MATCHING
.
LOW THERMAL RESISTANCE
.
POUT
= 4.0 W MIN. WITH 9.0 dB GAIN
DESCRIPTION
The MSC1004M is a low-level Class C pulsed
transistor specifically designed for DME/IFF driver
or output applications.
These devices are capable of withstanding a
:1
load VSWR at any phase angle under full rated
conditions. Low RF thermal resistance and auto-
matic bonding techniques ensure high reliability
and product consistency.
The MSC1004M is housed in the IMPAC
™ pack-
age with internal input matching.
PIN CONNECTION
BRANDING
1004M
ORDER CO DE
MSC1004M
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Valu e
Un it
PDISS
Power Dissipation*
(TC
≤ 100°C)
18
W
IC
Device Current*
650
mA
VCC
Collector-Supply Voltage*
32
V
TJ
Junction Temperature
200
°C
TSTG
Storage Temperature
− 65 to +150
°C
RTH(j-c)
Junction-Case Thermal Resistance*
5
°C/W
*Applies only to rated RF amplifier operation
MSC1004M
1. Collector
3. Emitter
2. Base
4. Base
THERMAL DATA
June 12, 1995
1/3


Similar Part No. - MSC1004M

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MSC1004M ASI-MSC1004M Datasheet
40Kb / 1P
NPN SILICON RF MICROWAVE TRANSISTOR
logo
STMicroelectronics
MSC1004MP STMICROELECTRONICS-MSC1004MP Datasheet
42Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
12-Jun-1995
More results

Similar Description - MSC1004M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2554 ADPOW-MS2554 Datasheet
91Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1175M ADPOW-MSC1175M Datasheet
143Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com