Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1871 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1871
Description  PWM LED Driver and Boost, Flyback and SEPIC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1871 Datasheet(HTML) 4 Page - Linear Technology

  LTC1871 Datasheet HTML 1Page - Linear Technology LTC1871 Datasheet HTML 2Page - Linear Technology LTC1871 Datasheet HTML 3Page - Linear Technology LTC1871 Datasheet HTML 4Page - Linear Technology LTC1871 Datasheet HTML 5Page - Linear Technology LTC1871 Datasheet HTML 6Page - Linear Technology LTC1871 Datasheet HTML 7Page - Linear Technology LTC1871 Datasheet HTML 8Page - Linear Technology LTC1871 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
LTC3783
3783f
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are TJ = 25°C.
VIN = 12V, VRUN = 1.5V, VSYNC = 0V, VFBP = VREF, RT = 20k, unless otherwise specified.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Low Dropout Regulator
VINTVCC
INTVCC Regulator Output Voltage
VOV/FB = 1.5V
●
6.5
7
7.5
V
UVLO
INTVCC Undervoltage Lockout
Rising INTVCC
2.3
2.5
V
Thresholds
Falling INTVCC
1.8
2.1
V
Hysteresis
0.2
V
∆VINTVCC
INTVCC Line Regulation
12V
≤ VIN ≤ 36V
2
6
mV/V
∆VIN
∆VLDO(LOAD)
INTVCC Load Regulation
0
≤ IINTVCC ≤ 10mA
–1
–0.1
%
VDROPOUT
INTVCC Dropout Voltage
VIN = 7V, IINTVCC = 10mA
300
500
mV
IINTVCC(SD)
Bootstrap Mode INTVCC Supply
VSENSE = 0V
25
µA
Current in Shutdown
VSENSE = 7V
15
µA
GATE/PWMOUT Drivers
tr(GATE)
GATE Driver Output Rise Time
CL = 3300pF (Note 7)
15
ns
tf(GATE)
GATE Driver Output Fall Time
CL = 3300pF (Note 7)
8
ns
IPK(GATE,RISE)
GATE Driver Peak Current Sourcing
VGATE = 0V
0.5
A
IPK(GATE,FALL)
GATE Driver Peak Current Sinking
VGATE = 7V
1
A
VPWMIN
PWMIN Pin Input Threshold Voltages
Rising PWMIN
1.6
V
Falling PWMIN
0.8
V
Hysteresis
0.8
V
RPWMIN
PWMIN Input Pull-Up Resistance
100
k
Ω
tr(PWMOUT)
PWMOUT Driver Output Rise Time
CL = 3300pF (Note 7)
30
ns
tf(PWMOUT)
PWMOUT Driver Output Fall Time
CL = 3300pF (Note 7)
16
ns
IPK(PWMOUT,RISE) PWMOUT Driver Peak Current Sourcing
VPWMOUT = 0V
0.25
A
IPK(PWMOUT,FALL) PWMOUT Driver Peak Current Sinking
VPWMOUT = 7V
0.50
A
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: The LTC3783E is guaranteed to meet performance specifications
from 0
°C to 85°C junction temperature. Specifications over the –40°C to
85
°C operating temperature range are assured by design, characterization
and correlation with statistical process controls.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
TJ = TA + (PD • 43°C/W) for the DFN
TJ = TA + (PD • 38°C/W) for the TSSOP
Note 4: The dynamic input supply current is higher due to power MOSFET
gate charging (QG • fOSC). See Operation section.
Note 5: The LTC3783 is tested in a feedback loop which servos VFBN to
VFBP = VVREF with the ITH pin forced to the midpoint of its voltage range
(0.3V
≤ VITH ≤ 1.2V; midpoint = 0.75V).
Note 6: In a synchronized application, the internal slope compensation is
increased by 25%. Synchronizing to a significantly higher ratio will reduce
the effective amount of slope compensation, which could result in sub-
harmonic oscillation for duty cycles greater than 50%
Note 7: Rise and fall times are measured at 10% and 90% levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com