Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1004 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MSC1004
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MSC1004 Datasheet(HTML) 1 Page - STMicroelectronics

  MSC1004 Datasheet HTML 1Page - STMicroelectronics MSC1004 Datasheet HTML 2Page - STMicroelectronics MSC1004 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RF & MICROWAVE TRANSISTORS
AVIONICS APPLICATIONS
.280 4L FL (SO51)
epoxy sealed
.
1025 - 1150 MHz
.
RUGGEDIZED VSWR
:1
.
INTERNAL INPUT MATCHING
.
LOW THERMAL RESISTANCE
.
POUT
= 4.0 W MIN. WITH 9.0 dB GAIN
DESCRIPTION
The MSC1004MP is a low-level Class C pulsed
transistor specifically designed for DME/IFF driver
or output applications.
These devices are capable of withstanding a
:1
load VSWR at any phase angle under full rated
conditions. Low RF thermal resistance and auto-
matic bonding techniques ensure high reliability
and product consistency.
The MSC1004MP is housed in the IMPAC
package with internal input matching.
PIN CONNECTION
BRANDING
1004MP
ORDER CO DE
MSC1004MP
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Valu e
Un it
PDISS
Power Dissipation*
(TC
≤ 100°C)
18
W
IC
Device Current*
650
mA
VCC
Collector-Supply Voltage*
32
V
TJ
Junction Temperature
200
°C
TSTG
Storage Temperature
− 65 to +150
°C
RTH(j-c)
Junction-Case Thermal Resistance*
5
°C/W
*Applies only to rated RF amplifier operation
MSC1004MP
1. Collector
3. Emitter
2. Base
4. Base
THERMAL DATA
June 12, 1995
1/3


Similar Part No. - MSC1004

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MSC1004 STMICROELECTRONICS-MSC1004 Datasheet
44Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
12-Jun-1995
MSC1004M STMICROELECTRONICS-MSC1004M Datasheet
44Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
12-Jun-1995
logo
Advanced Semiconductor
MSC1004M ASI-MSC1004M Datasheet
40Kb / 1P
NPN SILICON RF MICROWAVE TRANSISTOR
More results

Similar Description - MSC1004

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2554 ADPOW-MS2554 Datasheet
91Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1175M ADPOW-MSC1175M Datasheet
143Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com