Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW6413 Datasheet(PDF) 4 Page - Infinite Electronics International, Inc.

Part # FMSW6413
Description  SPDT Latching DC to 8 GHz Electro- Mechanical Relay Switch, Hot Switching, up to 40W, 12V, 5M Lifecycles, SMT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMSW6413 Datasheet(HTML) 4 Page - Infinite Electronics International, Inc.

  FMSW6413 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMSW6413 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMSW6413 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMSW6413 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMSW6413 Datasheet HTML 5Page - Infinite Electronics International, Inc. FMSW6413 Datasheet HTML 6Page - Infinite Electronics International, Inc. FMSW6413 Datasheet HTML 7Page - Infinite Electronics International, Inc. FMSW6413 Datasheet HTML 8Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Typical Performance Data
1.0
1.4
1.8
2.2
2.6
3.0
3.4
3.8
4.2
4.6
5.0
0.0
0.8
1.6
2.4
3.2
4.0
4.8
5.6
6.4
7.2
8.0
dB
GHz
VSWR
-5.0
5.0
15.0
25.0
35.0
45.0
55.0
65.0
75.0
85.0
95.0
0.0
0.8
1.6
2.4
3.2
4.0
4.8
5.6
6.4
7.2
8.0
GHz
Performance
Insertion Loss
Isolation
301 Leora Ln., Suite 100, Lewisville, TX 75056 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1.0 Page 4 of 8
FMSW6413
DATA SHEET



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com