Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WP1504CB-RWC-A Datasheet(PDF) 3 Page - Kingbright Corporation

Part # WP1504CB-RWC-A
Description  T-1 3/4 (5mm) RIGHT ANGLE LED INDICATOR White
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP1504CB-RWC-A Datasheet(HTML) 3 Page - Kingbright Corporation

  WP1504CB-RWC-A Datasheet HTML 1Page - Kingbright Corporation WP1504CB-RWC-A Datasheet HTML 2Page - Kingbright Corporation WP1504CB-RWC-A Datasheet HTML 3Page - Kingbright Corporation WP1504CB-RWC-A Datasheet HTML 4Page - Kingbright Corporation WP1504CB-RWC-A Datasheet HTML 5Page - Kingbright Corporation WP1504CB-RWC-A Datasheet HTML 6Page - Kingbright Corporation WP1504CB-RWC-A Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SPEC NO: DSAH7946
REV NO: V.1
DATE: SEP/28/2007
PAGE: 3 OF 7
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: C.WANG
ERP: 1102009847
luminous Intensity
Note1
Iv(mcd) @ 20mA
Φv (mlm)
Note2
@ 20mA
Code.
Min.
Max.
Typ.
S
480
750
300
T
650
1100
400
U
900
1500
500
V
1200
1800
600
W
1500
2100
700
X
1800
2500
900
Y
2200
3000
1100
Z
2500
3300
1300
ZA
2800
3800
1500
ZB
3300
4500
1700
White
WP1504CB/RWC/A
Brightness codes
Notes:
1.Luminous intensity is measured by a current pulse of 10ms at a tolerance of ±15%.
2.The typical data of Luminous Flux can only reflect statistical figures, actual parameters of individual product could differ from the typical data. For
the purpose of product enhancement, the typical data is subject to change without prior notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com