Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KW-DCLMS2-EC Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # KW-DCLMS2-EC
Description  TOPLED® E3014
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KW-DCLMS2-EC Datasheet(HTML) 4 Page - ams-OSRAM AG

  KW-DCLMS2-EC Datasheet HTML 1Page - ams-OSRAM AG KW-DCLMS2-EC Datasheet HTML 2Page - ams-OSRAM AG KW-DCLMS2-EC Datasheet HTML 3Page - ams-OSRAM AG KW-DCLMS2-EC Datasheet HTML 4Page - ams-OSRAM AG KW-DCLMS2-EC Datasheet HTML 5Page - ams-OSRAM AG KW-DCLMS2-EC Datasheet HTML 6Page - ams-OSRAM AG KW-DCLMS2-EC Datasheet HTML 7Page - ams-OSRAM AG KW-DCLMS2-EC Datasheet HTML 8Page - ams-OSRAM AG KW-DCLMS2-EC Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
KW DCLMS2.EC
4 Version 1.2 | 2021-09-24
Characteristics
I
F = 20 mA; TS = 25 °C
Parameter
Symbol
Values
Chromaticity Coordinate 3)
Cx
Cy
typ.
typ.
0.35
0.35
Viewing angle at 50% I
V
2φ
typ.
120 °
Forward Voltage 4)
I
F = 20 mA
V
F
min.
typ.
max.
2.60 V
2.70 V
2.90 V
Reverse current 2)
I
R
Not designed
for reverse
operation
Color Rendering Index
CRI
min.
80
Real thermal resistance junction/solderpoint 5)
R
thJS real
typ.
max.
72 K / W
87 K / W
Electrical thermal resistance junction/solderpoint 5)
with efficiency η
e = 55 %
R
thJS elec.
typ.
max.
32 K / W
39 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com