Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KW-DPLS32-SB Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # KW-DPLS32-SB
Description  SYNIOS® P4014
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KW-DPLS32-SB Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button KW-DPLS32-SB Datasheet HTML 8Page - ams-OSRAM AG KW-DPLS32-SB Datasheet HTML 9Page - ams-OSRAM AG KW-DPLS32-SB Datasheet HTML 10Page - ams-OSRAM AG KW-DPLS32-SB Datasheet HTML 11Page - ams-OSRAM AG KW-DPLS32-SB Datasheet HTML 12Page - ams-OSRAM AG KW-DPLS32-SB Datasheet HTML 13Page - ams-OSRAM AG KW-DPLS32-SB Datasheet HTML 14Page - ams-OSRAM AG KW-DPLS32-SB Datasheet HTML 15Page - ams-OSRAM AG KW-DPLS32-SB Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
KW DPLS32.SB
DATASHEET
DATASHEET
12 | Version 1.1 | 2022-06-03
Forward current 6)
I
F = f(VF); TS = 25 °C
KW DPLS32.SB
2,52,6
2,72,8
2,93,0
3,1
VF [V]
5
20
40
60
80
100
120
140
160
180
IF [mA]
Relative Luminous Flux 6), 7)
Φ
v/Φv(120 mA) = f(IF); TS = 25 °C
KW DPLS32.SB
IF [mA]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
ΦV
ΦV(120mA)
Chromaticity Coordinate Shift 6)
ΔCx, ΔCy = f(I
F); TS = 25 °C
KW DPLS32.SB
IF [mA]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
∆Cx
∆Cy
: ∆ Cx
: ∆ Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com