Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P43 Datasheet(PDF) 2 Page - LUMEL S.A.

Part # P43
Description  PROGRAMMABLE TRANSDUCER OF 3-PHASE POWER NETWORK PARAMETERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

P43 Datasheet(HTML) 2 Page - LUMEL S.A.

  P43 Datasheet HTML 1Page - LUMEL S.A. P43 Datasheet HTML 2Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Export department:
tel.: (+48 68) 45 75 130, 45 75 132
e-mail: export@lumel.com.pl
Calibration & Attestation:
e-mail: laboratorium@lumel.com.pl
Technical support:
tel.: (+48 68) 45 75 143, 45 75 141,
45 75 144, 45 75 140
e-mail: export@lumel.com.pl
LUMEL S.A.
ul. Słubicka 4,
65-127 Zielona Góra, Poland
tel.: +48 68 45 75 100,
www.LUMEL.CoM.pL
Safety and compatibility requirements
Electromagnetic compatibility
noise immunity
acc. to EN 61000-6-2
noise emissions
acc. to EN 61000-6-4
Isolation between circuits
basic
acc. to EN 61010-1
Pollution level
2
acc. to EN 61010-1
Installation category
III
Maximal phase-to-earth voltage
300 V
Altitude a.s.l.
< 2000 m
Rated operating conditions
Supply voltage
85 ... 253 V a.c. , 40 ... 400 Hz, 90 ... 320 V d.c. or
20 ... 40 V a.c., 40 ... 400 Hz, 20 ... 60 V d.c.
Power input  6 VA
Power input
in voltage circuit  0.05 VA
in current circuit  0.05 VA
Input signal
l
0 .. 0.002 .. 1.2 In; 0.05 .. 1.2 Un for the measurement
of current and voltage;
l
0 .. 0.1 .. 1.2 In; 0 .. 0.1 .. 1.2 Un or the measurement
of coefficients Pfi, tgji
l
signal frequency 47 .. 63 Hz
l
sinusoidal signal (THD  8%)
Power factor
-1 .. 0 .. 1
Analog outputs
-24..-20 ..0..20..24 mA, Rload = 0...250 W
-22..-20.. 0..20..22 mA, Rload = 0...500 W
Temperature
ambient: -10...23...55°C
storage: -30...70°C
Humidity
25 .. 95%
inadmissible condensation
Additional error (in % of the intrinsic
error)
from output signals frequency < 50%
from ambient temperature changes
< 50%/ 10%
Operating position
any
External magnetic field
0 .. 400 A/m
Short duration overload (5 s)
voltage input: 2 Un (max. 1000 V)
current input: 10 In
Admissible peak factor
current intensity: 2
voltage: 2
P43-19_R1
For more information
about LUMEL's
products please visit
our website:
www.lumel.com.pl
Connection diagram
Fig. 1 Exemplary connection diagram for 4-wire network.
Ordering
Additional errors in % of the intrinsec error
From frequency of input signals
< 50%
From ambient temperature changes
< 50%/ 10%
For THD > 8%
< 100%
P43 PROGRAMMABLETRANSDUCEROF3-PHASEPOWER
NETWORK PARAMETERS
Code
Description
P43 211300M0
3-phase transducer of power network parameters P43
input I 5A(X/5); input U 3 x 57,7/100V;
supply 85-253Vac, 90-320Vdc; 4 x analog output,
without relays; documentation and descriptions
in Polish and English, test certificate
P43 221300M0
3-phase transducer of power network parameters P43
input I 5A(X/5); input U 3 x 230/400V;
supply 85-253Vac, 90-320Vdc; 4 x analog output,
without relays; documentation and descriptions
in Polish and English, test certificate
P43 221100M0
3-phase transducer of power network parameters P43
input I 5A(X/5); input U 3 x 230/400V;
supply 85-253Vac, 90-320Vdc; 4 x relay,
without analog outputs; documentation and
descriptions in Polish and English, test certificate
P43 211100M0
3-phase transducer of power network parameters P43
input I 5A(X/5); input U 3 x 57,7/100V; supply
85-253Vac, 90-320Vdc; 4 x relay, without analog
outputs; documentation and descriptions in
Polish and English, test certificate
P43 111300M0
3-phase transducer of power network parameters P43
input I 1A(X/1); input U 3 x 57,7/100V;
supply 85-253Vac, 90-320Vdc; 4 x analog output,
without relays; documentation and descriptions
in Polish and English, test certificate
P43 121300M0
3-phase transducer of power network parameters P43
input I 1A(X/1); input U 3 x 230/400V;
zsupply 85-253Vac, 90-320Vdc; 4 x analog
output, without relays; documentation and
descriptions in Polish and English, test certificate
P43 121100M0
3-phase transducer of power network parameters P43
input I 1A(X/5); input U 3 x 230/400V; supply
85-253Vac, 90-320Vdc; 4 x relay, without analog
outputs; documentation and descriptions in
Polish and English, test certificate
P43 111100M0
3-phase transducer of power network parameters P43
input I 1A(X/1); input U 3 x 57,7/100V;
supply 85-253Vac, 90-320Vdc; 4 x relay,
without analog outputs; documentation and
descriptions in Polish and English, test certificate



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com