Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NR30BAC112100M1 Datasheet(PDF) 4 Page - LUMEL S.A.

Part # NR30BAC112100M1
Description  Rail mounted poweR netwoRk meteR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

NR30BAC112100M1 Datasheet(HTML) 4 Page - LUMEL S.A.

  NR30BAC112100M1 Datasheet HTML 1Page - LUMEL S.A. NR30BAC112100M1 Datasheet HTML 2Page - LUMEL S.A. NR30BAC112100M1 Datasheet HTML 3Page - LUMEL S.A. NR30BAC112100M1 Datasheet HTML 4Page - LUMEL S.A. NR30BAC112100M1 Datasheet HTML 5Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.lumel.com.pl
4
NR30BAC - RailmountedpoweRnetwoRkmeteRwithBACnet
description of connection strips in the execution
of the meter for indirect connections
connection diagRamS
description of connection strips in the execution
of the meter for direct connections 63a
diSplaing oF meaSuRement paRameteRS
easy to use and intuitive menu;
information bar with status of:
min.max values, phase sequence,
interfaces.
up to 22 programmable screens
(3 parameters per page)
A 1 1 2 3 A 2 1 2 3
E T
U 1
1 0 3 .7 5 V
U 2
9 9 .2 3 4 V
U 3
1 0 1 .8 6 V
H 0 5
M 0 0 E
U 1
3 .2 8 %
I 1
4 .1 7 %
U 2
1 .4 2 %
I 2
2 .3 8 %
U 3
2 .3 5 %
I 3
3 .4 2 %
meteR conFiguRation with FRee econ SoFtwaRe
*- update only via uSB port
one screen dedicated to harmonics;
indication of individual harmonic
for voltages and currents (up to 51st)
ability to configure and update* nR30Bac
with free econ software
(via RS-485, uSB)
Rys.2. Podłączenia miernika: a) w wykonaniu do podłączeń pośrednich (1 / 5 A)
b) w wykonaniu do podłączeń bezpośrednich / 63 A /
13 14 15
17 18 19
16
20 21 22 23
B
A
RS 485
AL1
GNDI
AL2
NR30
L1
L2
L3 N
IL1
IL2
IL3
1 3 4
7 9
6
2
5
8 11
Ethernet
I
NR30
1
3
4
6
12
13 14 15
17 18 19
16
20 21 22 23
B
A
RS 485
AL1
GNDI
10
7
9
AL2
Ethernet
L1
I
L2
I
IL3
IINI
a)
b)
BAC
Rys.2. Podłączenia miernika: a) w wykonaniu do podłączeń pośrednich (1 / 5 A)
b) w wykonaniu do podłączeń bezpośrednich / 63 A /
13 14 15
17 18 19
16
20 21 22 23
B
A
RS 485
AL1
GNDI
AL2
NR30
L1
L2
L3 N
IL1
IL2
IL3
1 3 4
7 9
6
2
5
8 11
Ethernet
I
NR30
1
3
4
6
12
13 14 15
17 18 19
16
20 21 22 23
B
A
RS 485
AL1
GNDI
10
7
9
AL2
Ethernet
L1
I
L2
I
IL3
IINI
a)
b)
BAC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com