Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NR30PNET-112100P0 Datasheet(PDF) 5 Page - LUMEL S.A.

Part # NR30PNET-112100P0
Description  Rail mounted poweR netwoRk meteR with
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

NR30PNET-112100P0 Datasheet(HTML) 5 Page - LUMEL S.A.

  NR30PNET-112100P0 Datasheet HTML 1Page - LUMEL S.A. NR30PNET-112100P0 Datasheet HTML 2Page - LUMEL S.A. NR30PNET-112100P0 Datasheet HTML 3Page - LUMEL S.A. NR30PNET-112100P0 Datasheet HTML 4Page - LUMEL S.A. NR30PNET-112100P0 Datasheet HTML 5Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.lumel.com.pl
5
NR30PNET -RailmountedpoweRnetwoRkmeteRwithPRofiNET
export department:
tel.: (+48 68) 45 75 139, 45 75 233, 45 75
321, 45 75 386
fax.: (+48 68) 32 54 091
e-mail: export@lumel.com.pl
luMel s.a.
ul. Sulechowska 1, 65-022 Zielona góra, poland
tel.: +48 68 45 75 100, fax +48 68 45 75 508
www.lumel.com.pl
oRdeRing code
meter nR30pnet - X
X
X
X
XX
X
X
input current in:
1/5 a (X/1 ; X/5)
1
63 a
2
input voltage (phase/phase-to-phase) un:
3 x 57.7/ 100 V up to 3 x 100/ 170 V
1
3 x 230/ 400 V up to 3 x 400/ 690 V
2
interface:
RS-485 modbus Rtu and ethernet/ profinet
2
supply:
85...253 V a.c., 90...300 V d.c.
1
20...40 V a.c., 20...60 V d.c.
2
version:
standard
00
with S4ao*: 4 current outputs 0/4 .. 20 ma
01
with S4ao*: 4 voltage outputs 0 .. 10 V
02
with S4ao*: 4 outputs (2 groups 1 x 0..10 V + 1 x 0/4 .. 20 ma)
03
custom-made**
XX
language:
polish
p
english
e
other*
X
acceptance tests:
without additional quality requirements
0
with an extra quality inspection certificate
1
with calibration certificate
2
acc.to customer’s request
X
order example:
the code: nr30pnet-1.1.2.1.00.e.0 means:
nr30pnet - nR30pnet meter
1 – input current 1/5 a (X/1; X/5)
1 – input voltage 3x57.7/100 V up to 3x100/170 V,
2 – RS485 modbus Rtu and ethernet/ profinet,
1 – supply 85..253 V a.c., 90..300 V d.c.
00 – standard version,
e – user's manual in english
0 – without additional quality requirements.
* 4-channel S4ao analog output module will be made with the same
power supply as the ordered nR30pnet meter, unless the customer
specifies otherwise. the S4ao module communicates with the
nR30pnet meter via the RS485 modbus master interface, therefore
cooperation with S4ao excludes the use the nR30pnet meter RS485
interface for communication with another master.
**after agreement with the manufacturer



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com