Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NR30PNET-112100P1 Datasheet(PDF) 2 Page - LUMEL S.A.

Part # NR30PNET-112100P1
Description  Rail mounted poweR netwoRk meteR with
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

NR30PNET-112100P1 Datasheet(HTML) 2 Page - LUMEL S.A.

  NR30PNET-112100P1 Datasheet HTML 1Page - LUMEL S.A. NR30PNET-112100P1 Datasheet HTML 2Page - LUMEL S.A. NR30PNET-112100P1 Datasheet HTML 3Page - LUMEL S.A. NR30PNET-112100P1 Datasheet HTML 4Page - LUMEL S.A. NR30PNET-112100P1 Datasheet HTML 5Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.lumel.com.pl
2
technical data
Galvanic isolation
AC
RS
485
2x
inputs
outputs
RS
485
Zasilanie
RS
485
RS
485
Zasilanie
RS
485
Zasilanie
RS
485
Zasilanie
alarm.
phaseL1
phaseL2
phaseL3
NR30PNET -RailmountedpoweRnetwoRkmeteRwithPRofiNET
4x
RS
485
Supply
Ethernet
Features
RS
485
RTC
Password
protection
THD
Ethernet/
Profinet
Ethernet/
Profinet
Ethernet/
Profinet
* -availableonlywithanadditional
s4ao module
*
MeasurinG ranGes
Measured value
Measuring range
l1
l2
l3
Σ
class
current 1/5 a
1 a~
5 a~
0.010 ..0.100..1.200 a (tr_i=1)
0.050 ..0.500.. 6.000 a (tr_i=1)
...20.00 ka (tr_i≠1)
•
•
•
0.2 (en 61557-12)
Voltage l-n 57.7 V~
230 V~
400 V~
5.7..11.5 ..70.0 V (tr_u=1)
23.0..46 .. 276.0 V (tr_u=1)
40.0..80 .. 480.0 V (tr_u=1)
...480.0 kV (tr_u≠1)
•
•
•
0.2 (en 61557-12)
Voltage l-l 100 V~
400 V~
690 V~
10.0 ..20..120.0 V (tr_u=1)
40.0..80 .. 480.0 V (tr_u=1)
69.0..138 .. 830.0 V (tr_u=1)
...830.0 kV (tr_u≠1)
•
•
•
0.5 (en 61557-12)
active power p
i, average active power pdt
.. (-)1999.9 w
..(-)1999.9 mw (tr_u≠1.tr_i≠1)
•
•
•
•
0.5 (en 61557-12)
Reactive power Q
i
.. (-)1999.9 Var
..(-)1999.9 mVar (tr_u≠1.tr_i≠1)
•
•
•
•
1 (en 61557-12)
apparent power S
i,
avarage apparent power S
dt
..1999.9 Va
..1999.9 mVa (tr_u≠1.tr_i≠1)
•
•
•
•
0.5 (en 61557-12)
active energy enp
(imported or exported)
..(-)1999.9wh
..(-)1999.9mwh(tr_u≠1.tr_i≠1)
•
0.2s (en 62053-22)
Reactive energy enQ
(inductive or capacitive)
.. (-)1999.9 Varh
..(-)1999.9 mVarh (tr_u≠1.tr_i≠1)
•
1 (en 61557-12)
apparent energy enS
.. 1999.9 Vah
..1999.9 mVah (tr_u≠1.tr_i≠1)
•
0.5 (en 61557-12)
active power factor pF
i
-1.00 ..0 ..1.00
•
•
•
•
1 (en 61557-12)
coefficient tg
-999,99 .. 0 .. 999,99
•
•
•
•
1
Frequency f
45.00..65.00 hz
•
0.1 (en 61557-12)
total harmonic distortion
of voltage thdu and current thdi
0.0 ..100.0 %
•
•
•
•
5 (en 61557-12)
amplitudes of the voltage u
h1 ...uh50 ,
and current i
h1 … ih50
0.0 ..100.0 %
•
•
•
ii (iec61000-4-7)
tr_i - Ratio of current transformer = primary current of transformer / Secondary current of current transformer,
tr_u - Ratio of voltage transformer = primary voltage of transformer / Secondary voltage of voltage transformer,



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com