Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NR30PNET-112100E1 Datasheet(PDF) 1 Page - LUMEL S.A.

Part # NR30PNET-112100E1
Description  Rail mounted poweR netwoRk meteR with
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

NR30PNET-112100E1 Datasheet(HTML) 1 Page - LUMEL S.A.

  NR30PNET-112100E1 Datasheet HTML 1Page - LUMEL S.A. NR30PNET-112100E1 Datasheet HTML 2Page - LUMEL S.A. NR30PNET-112100E1 Datasheet HTML 3Page - LUMEL S.A. NR30PNET-112100E1 Datasheet HTML 4Page - LUMEL S.A. NR30PNET-112100E1 Datasheet HTML 5Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.lumel.com.pl
1
eXample oF application
NR30PNET
Rail mounted poweR netwoRk meteRwith PRofiNET
• Measurement of 54 power network parameters and current and voltage
harmonicsupto51st,in1-phase2-wireor3-phase3or4-wirebalancedandunbalancedsystems.
• Backlit lcd screen
fully configurable by a user (22 views, 3 parameters in each).
• High accuracy class (0.2s for active energy).
• For direct (up to 63a) and indirect measurement (x/1a or x/5a).
• indications considering values of programmed ratios.
• memory of minimum and maximum values.
• 2 configurable alarm outputs.
• optional: with an additional module of analog outputs S4ao (max. 4 current or voltage
outputs).
• digital output RS-485 - modBuS protocol.
• Modern and user-friendly ethernet/profinet (version 2.2.) interface.
• programming of parameters through usb using free econ software.
• Battery backup Rtc.
• modular housing for S-rail according to en 62208 (the meter has a width of 6 modules).
cat iii
tric
al Sa
2x
RS-485 Modbus
SP1
SP2
->
Piec
Termopara K
Alarm
Alarm
Start/Stop
PLC
SCADA
LUMEL
PROCES
meaSuRement and ViSualiZation oF poweR netwoRk paRameteRS
• mean 3-phase voltage: u
S
• mean phase-to-phase voltage: u
mf
• mean 3-phase current: i
S
• 15, 30, 60 minutes’mean active power: p
demand
• mean apparent power S
demand
• average current i
demand
• active, reactive and apparent 3-phase energy: enp, enQ, enS
• active,reactiveandapparentenergyfromexternalcounter:enpe
• total harmonic content coefficients for phase voltages
and currents thd
u1, thdu2, thdu3, thdi1, thdi2, thdi3
and for 3-phase voltages and currents thd
u, thdi
• harmonics for current and phase voltage up to 51 st!
• phase voltages: u
1, u2, u3
• phase-to-phase voltages: u
12, u23, u31
• phase currents i
1, i2, i3
• active phase powers: p
1, p2, p3
• reactive phase powers: Q
1, Q2, Q3
• apparent phase powers: S
1, S2, S3
• active power factors: pF
1, pF2, pF3
• reactive/active power factors: tg
j
1, tgj2, tgj3
• active, reactive and apparent 3-phase power: p, Q, S
• mean 3-phase power factors: pF, tg
j
• frequency f


Similar Part No. - NR30PNET-112100E1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
NR3010 MAXIM-NR3010 Datasheet
829Kb / 44P
PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
Rev 0; 8/07
logo
Linear Technology
NR30102R2M LINER-NR30102R2M Datasheet
307Kb / 16P
2.25MHz, 300mA Synchronous Step-Down
logo
Linear Integrated Syste...
NR30102R2M LINEAR-NR30102R2M Datasheet
278Kb / 16P
Dual Monolithic 300mA Synchronous Step-Down Regulaor
logo
Linear Technology
NR30104R7M LINER-NR30104R7M Datasheet
307Kb / 16P
2.25MHz, 300mA Synchronous Step-Down
logo
Linear Integrated Syste...
NR30104R7M LINEAR-NR30104R7M Datasheet
278Kb / 16P
Dual Monolithic 300mA Synchronous Step-Down Regulaor
More results

Similar Description - NR30PNET-112100E1

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
IS-30 PAIRUI-IS-30 Datasheet
751Kb / 19P
AC-DC Din Rail Mounted Power Supply
IS-70 PAIRUI-IS-70 Datasheet
757Kb / 19P
AC-DC Din Rail Mounted Power Supply
IS-120 PAIRUI-IS-120 Datasheet
735Kb / 19P
AC-DC Din Rail Mounted Power Supply
IS-180 PAIRUI-IS-180 Datasheet
744Kb / 19P
AC-DC Din Rail Mounted Power Supply
IS-240 PAIRUI-IS-240 Datasheet
762Kb / 19P
AC-DC Din Rail Mounted Power Supply
IS-120 PAIRUI-IS-120_19 Datasheet
1Mb / 19P
AC-DC Din Rail Mounted Power Supply
IS-180 PAIRUI-IS-180_19 Datasheet
1Mb / 19P
AC-DC Din Rail Mounted Power Supply
logo
M-System Co.,Ltd.
51U MSYSTEM-51U Datasheet
299Kb / 16P
Panel Mounted Multi Power Meter 51-UNIT
logo
Aavid, Thermal Division...
MAX03NG AAVID-MAX03NG Datasheet
143Kb / 3P
Rail Mounted Clips
logo
WAGO Kontakttechnik Gmb...
2002-4157 WAGO-2002-4157 Datasheet
687Kb / 20P
Quadruple-deck rail-mounted terminal block; Rail-mounted terminal block
23.11.2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com