Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF3GD Datasheet(PDF) 1 Page - Kingbright Corporation

Part # DF3GD
Description  6.8mmx19.9mm LIGHT BAR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

DF3GD Datasheet(HTML) 1 Page - Kingbright Corporation

  DF3GD Datasheet HTML 1Page - Kingbright Corporation DF3GD Datasheet HTML 2Page - Kingbright Corporation DF3GD Datasheet HTML 3Page - Kingbright Corporation DF3GD Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAD1419
REV NO: V.7
DATE: MAY/14/2007
PAGE: 1 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1334000047
6.8mmx19.9mm LIGHT BAR
Part Number: DF3GD
Green
Features
UNIFORM LIGHT EMITTING AREA.
EASILY MOUNTED ON P.C. BOARDS OR
NDUSTRY STANDARD SOCKETS.
FLUSH MOUNTABLE.
EXCELLENT ON/OFF CONTRAST.
CAN BE USED WITH PANELS AND LEGEND MOUNTS.
MECHANICALLY RUGGED.
I.C. COMPATIBLE.
RoHS COMPLIANT.
Description
The Green source color devices are made with Gallium
Phosphide Green Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
1.All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2.Specifications are subject to change without notice.


Similar Part No. - DF3GD

ManufacturerPart #DatasheetDescription
logo
GREATECS
DF3 GREATECS-DF3 Datasheet
153Kb / 1P
Horizontal SMT Detector Switches with Side Stem
logo
Hirose Electric
DF3 HIROSE-DF3 Datasheet
683Kb / 14P
2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
Herga Technology
DF3 HERGA-DF3 Datasheet
543Kb / 2P
MICROSWITCH LINE CARD
05/25
logo
Hirose Electric
DF3-*S-2R26(**) HIROSE-DF3-*S-2R26(**) Datasheet
683Kb / 14P
2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3-*S-2R28(**) HIROSE-DF3-*S-2R28(**) Datasheet
683Kb / 14P
2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
More results

Similar Description - DF3GD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
DF3YD KINGBRIGHT-DF3YD Datasheet
143Kb / 4P
6.8mmx19.9mm LIGHT BAR
DF3ID KINGBRIGHT-DF3ID Datasheet
143Kb / 4P
6.8mmx19.9mm LIGHT BAR
DF3SGD KINGBRIGHT-DF3SGD Datasheet
141Kb / 4P
6.8mmx19.9mm LIGHT BAR
DF3SRD KINGBRIGHT-DF3SRD Datasheet
140Kb / 4P
6.8mmx19.9mm LIGHT BAR
logo
SunLED Corporation
EMR30D SUNLED-EMR30D Datasheet
179Kb / 4P
6.8mmx19.9mm LIGHT BAR
EUR30D SUNLED-EUR30D Datasheet
172Kb / 4P
6.8mmx19.9mm LIGHT BAR
EUY30D SUNLED-EUY30D Datasheet
174Kb / 4P
6.8mmx19.9mm LIGHT BAR
logo
Kingbright Corporation
DF3CGKD KINGBRIGHT-DF3CGKD Datasheet
337Kb / 6P
6.8mmx19.9mm LIGHT BAR
DF3SURKD KINGBRIGHT-DF3SURKD Datasheet
338Kb / 6P
6.8mmx19.9mm LIGHT BAR
DF3SYKD KINGBRIGHT-DF3SYKD Datasheet
336Kb / 6P
6.8mmx19.9mm LIGHT BAR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com