Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DB1184Q Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2DB1184Q
Description  isc Silicon PNP Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2DB1184Q Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2DB1184Q Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2DB1184Q Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc Silicon PNP Transistor
2DB1184Q
www.iscsemi.com
1
FEATURES
· BVCEO > -50V
· IC = -3A High Continuous Collector Current
· Low Collector-Emitter Saturation Voltage
APPLICATIONS
· Switching regulators
· Motor drive circuits
· Medium‑ power switching circuits
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-60
V
VCEO
Collector-Emitter peak Voltage
-50
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-3
A
ICM
Peak Pulse Current
-4.5
A
TJ
Junction Temperature
-55~150
Tstg
Storage Temperature
-55~150


Similar Part No. - 2DB1184Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DB1184Q DIODES-2DB1184Q Datasheet
177Kb / 5P
PNP SURFACE MOUNT TRANSISTOR
DS31504 Rev. 3 - 2
2DB1184Q DIODES-2DB1184Q Datasheet
157Kb / 6P
50V PNP SURFACE MOUNT TRANSISTOR IN TO252-3L
Rev 4
2DB1184Q-13 DIODES-2DB1184Q-13 Datasheet
177Kb / 5P
PNP SURFACE MOUNT TRANSISTOR
DS31504 Rev. 3 - 2
2DB1184Q-13 DIODES-2DB1184Q-13 Datasheet
157Kb / 6P
50V PNP SURFACE MOUNT TRANSISTOR IN TO252-3L
Rev 4
2DB1184Q DIODES-2DB1184Q_11 Datasheet
157Kb / 6P
50V PNP SURFACE MOUNT TRANSISTOR IN TO252-3L
Rev 4
More results

Similar Description - 2DB1184Q

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA743 ISC-2SA743 Datasheet
104Kb / 2P
isc Silicon PNP Power Transistor
BDX20 ISC-BDX20 Datasheet
77Kb / 2P
isc Silicon PNP Power Transistor
BD908 ISC-BD908 Datasheet
106Kb / 2P
isc Silicon PNP Power Transistor
2SA1758 ISC-2SA1758 Datasheet
102Kb / 2P
isc Silicon PNP Power Transistor
2SA744 ISC-2SA744 Datasheet
72Kb / 2P
isc Silicon PNP Power Transistor
2SA1301 ISC-2SA1301 Datasheet
78Kb / 2P
isc Silicon PNP Power Transistor
2SA1015 ISC-2SA1015 Datasheet
124Kb / 2P
isc Silicon PNP Transistor
2SA1013 ISC-2SA1013 Datasheet
234Kb / 2P
isc Silicon PNP Transistor
2SA1283 ISC-2SA1283 Datasheet
234Kb / 2P
isc Silicon PNP Transistor
MMBT2907A ISC-MMBT2907A Datasheet
298Kb / 2P
isc Silicon PNP Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com