Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T22CT2AC65L000000 Datasheet(PDF) 1 Page - LUMEL S.A.

Part # T22CT2AC65L000000
Description  AC Transducer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

T22CT2AC65L000000 Datasheet(HTML) 1 Page - LUMEL S.A.

  T22CT2AC65L000000 Datasheet HTML 1Page - LUMEL S.A. T22CT2AC65L000000 Datasheet HTML 2Page - LUMEL S.A. T22CT2AC65L000000 Datasheet HTML 3Page - LUMEL S.A. T22CT2AC65L000000 Datasheet HTML 4Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.lumel.com.pl
1
T22CT
-AC TrAnsduCer
T22CT a transducer for measurement of AC current. It provides 4 to 20 mA or 0 to 20mA dC output.
It can be used for:
• For network analysis, monitoring,
• Measuring of non -sinusoidal and distorted networks.
Features:
• MeasurementofACcurrentforfrequency50/60Hz,Providesproportional4-20mAor0-20mAdC output.
• High electric isolation between primary conductor and output.
• easy and safety electrical connection by means of spring clamp terminal.
• direct mounting onto the bus bar by means of integrated fixing screws which are part of the unit.
• Mounting onto 35 mm dIn rail by means of optional supply of snap on mounting.
TeCHnICAl dATA
Measuring range
In: 50, 100, 150, 200, 250, 300A (for version T22CT-1)
In: 150, 200, 250, 300, 400, 500, 600, 750A (for version T22CT-2)
Input frequency range
50/60 Hz
DC Current output
4...20 mA or 0...20 mA (acc. to ordering code)
Max. burden resistance at current output:
r
B =750 Ω
r
B =1000 Ω (uH ≥ 24 V dC)
Current limit under overload
< 30 mA
Accuracy (acc. to IEC-60688)
± 0.5 %
Max. operating voltage U
m
0.72 kV, u
eff
Isolation test voltage (acc. to IEC-61010-1)
6.4 kV AC, 50 Hz, 60 sekund
uzwojenie pierwotne / wyjście analogowe
obudowa / wyjście analogowe i zasilanie
Auxiliary voltage
24 V dC, ± 15% (external protection via fuse 250 mA / 250 V, fast)
Current Consumption
< 50 mA
Response time
< 600 ms
Installation category
III
Thermal nominal continuous rated current 1.2 x In
Protection class
IP20
Operating temperature and Humidity
0oC < T
op < +70
o
C, 0...95% rH, without condensation
Storage temperature
-40oC < T
st < +90
o
C
Max. temperature of primary conductor
100oC
Applicable technical standards
IeC 60688, 2012
IeC 61010-1, 2010
CAT III
V
V
V
Ele
ctrica
safety


Similar Part No. - T22CT2AC65L000000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T22C686K050CSS VISHAY-T22C686K050CSS Datasheet
158Kb / 10P
Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
13-May-2020
T22C686K050CZS VISHAY-T22C686K050CZS Datasheet
158Kb / 10P
Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
13-May-2020
T22C686K050ESS VISHAY-T22C686K050ESS Datasheet
158Kb / 10P
Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
13-May-2020
T22C686K050EZS VISHAY-T22C686K050EZS Datasheet
158Kb / 10P
Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
13-May-2020
T22C686K050HSS VISHAY-T22C686K050HSS Datasheet
158Kb / 10P
Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
13-May-2020
More results

Similar Description - T22CT2AC65L000000

ManufacturerPart #DatasheetDescription
logo
LEM
AK-B420L LEM-AK-B420L Datasheet
236Kb / 2P
AC Current transducer
AK-B- LEM-AK-B- Datasheet
202Kb / 2P
AC Current transducer
AK-C420L LEM-AK-C420L Datasheet
149Kb / 2P
AC Current transducer
AK-C- LEM-AK-C- Datasheet
92Kb / 2P
AC Current transducer
AKR-B420L LEM-AKR-B420L Datasheet
223Kb / 2P
AC Current transducer
AKR-C420L LEM-AKR-C420L Datasheet
127Kb / 2P
AC Current transducer
logo
Canopus Electronics (H....
CMT0704 CANOPUS-CMT0704 Datasheet
791Kb / 1P
Magnetic Transducer (AC)
CMT1209 CANOPUS-CMT1209 Datasheet
832Kb / 1P
Magnetic Transducer (AC)
CMT1614-T CANOPUS-CMT1614-T Datasheet
862Kb / 1P
Magnetic Transducer (AC)
CMT1206-X CANOPUS-CMT1206-X Datasheet
871Kb / 1P
Magnetic Transducer (AC)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com