Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB827CD Datasheet(PDF) 2 Page - Kingbright Corporation

Part # KB827CD
Description  PHOTOCOUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB827CD Datasheet(HTML) 2 Page - Kingbright Corporation

  KB827CD Datasheet HTML 1Page - Kingbright Corporation KB827CD Datasheet HTML 2Page - Kingbright Corporation KB827CD Datasheet HTML 3Page - Kingbright Corporation KB827CD Datasheet HTML 4Page - Kingbright Corporation KB827CD Datasheet HTML 5Page - Kingbright Corporation KB827CD Datasheet HTML 6Page - Kingbright Corporation KB827CD Datasheet HTML 7Page - Kingbright Corporation KB827CD Datasheet HTML 8Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SPEC NO: DSAD1550
REV NO: V.7
DATE: APR/07/2005
PAGE: 2 OF 8
APPROVED: J. Lu
CHECKED: Tracy Deng
DRAWN: B.H.LI
ERP: 1205000014
PHOTOCOUPLER
KB827
****PACKAGE DIMENSIONS (UNIT:mm)
DIP Type
TOLERANCE :
±±±±0.5[±0
±0
±0
±0.02] UNLESS OTHERWISE NOTED.
****Absolute Maximum Ratings (Ta=25
°°°°CCCC))))
Parameter
Symbol
Rating
Unit
Input
Forward current
I
F
50
mA
Reverse voltage
V
R
6V
Power dissipation
P
70
mW
Output
Collector-emitter voltage
V
C E O
35
V
Emitter-collector voltage
V
E C O
6V
Collector current
I
C
50
mA
Collector power dissipation
P
C
150
mW
Total power dissipation
Ptot
200
mW
*1 Isolation voltage
Viso
5000
Vrms
Operating temperature
Topr
-30~+100
°C
Storage temperature
Tstg
-55~+125
°C
*2 Soldering temperature
Tsol
260
°C
* 1 40 to 60% RH,AC for 1 minute.
* 2 For 10 seconds.
5, 7. Emitter
1, 3. Anode 2, 4. Cathode
6, 8. Collector
Internal connection
diagram
Anode
9.66 [0.38]
0.5 [0.02] 0.1
0.9 [0.035] 0.2
1.2 [0.047] 0.3
1
mark
4
KB827
Top View
2.54 [0.1] 0.25
8
5
7.62 [0.3] 0.3
0.25 [0.01] 0.1
θ
1
3
2
4
8
7
6
5
= 0 to 13



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com