Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB846CD Datasheet(PDF) 3 Page - Kingbright Corporation

Part # KB846CD
Description  PHOTOCOUPLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB846CD Datasheet(HTML) 3 Page - Kingbright Corporation

  KB846CD Datasheet HTML 1Page - Kingbright Corporation KB846CD Datasheet HTML 2Page - Kingbright Corporation KB846CD Datasheet HTML 3Page - Kingbright Corporation KB846CD Datasheet HTML 4Page - Kingbright Corporation KB846CD Datasheet HTML 5Page - Kingbright Corporation KB846CD Datasheet HTML 6Page - Kingbright Corporation KB846CD Datasheet HTML 7Page - Kingbright Corporation KB846CD Datasheet HTML 8Page - Kingbright Corporation KB846CD Datasheet HTML 9Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SPEC NO: DSAD1548
REV NO: V.5
DATE: NOV/21/2005
PAGE: 3 OF 9
APPROVED: J. Lu
CHECKED: Tracy Deng
DRAWN: Y.W.WANG
ERP:1205000026
PHOTOCOUPLER
P/N: KB846
****Electro-optical Characteristics (Ta=25
°°°°CCCC))))
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input
Forward voltage
VF
I F=20mA
___
1.2
1.4
V
Peak forward voltage
VFM
I FM=0.5A
___
___
3.0
V
Reverse current
IR
VR=4V
___
___
10
µA
Output
Collector dark current
ICEO
VCE =20V,I F=0mA
___
___
10-7
nA
Transfer
charact-
eristics
*1Current transfer ratio
CTR
I F=5mA,VCE=5V
50
___
600
%
Collector-emitter saturation voltage
VCE(sat)
I F=20mA, I C=1mA
___
0.1
0.2
V
C ut-o ff fre q ue nc y
fc
VCE=5V, IC=2mA
RL=100
Ω,-3dB
___
80
___
KHz
Response time
Rise time
tr
VCE=2V, IC=2mA
RL=100
Ω
___
4
18
µs
Fall time
tf
___
3
18
µs
A
Model NO.
Rank mark
CTR(%)
KB846L
L
50 to 100
KB846A
A
80 to 160
KB846B
B
130 to 260
KB846C
C
200 to 400
KB846D
D
300 to 600
KB846AB
A or B
80 to 260
KB846BC
B or C
130 to 400
KB846CD
C or D
200 to 600
KB846AC
A,B or C
80 to 400
KB846BD
B,C or D
130 to 600
KB846AD
A,B,C or D
80 to 600
KB846
L,A,B,C,D or No mark
50 to 600
Classification table of current transfer ratio is shown below.
X 100%
CTR=
Ic
F
I



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com