Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC81035MP Datasheet(PDF) 2 Page - STMicroelectronics

Part # MSC81035MP
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MSC81035MP Datasheet(HTML) 2 Page - STMicroelectronics

  MSC81035MP Datasheet HTML 1Page - STMicroelectronics MSC81035MP Datasheet HTML 2Page - STMicroelectronics MSC81035MP Datasheet HTML 3Page - STMicroelectronics MSC81035MP Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL SPECIFICATIONS (Tcase
= 25°C)
Symbol
Test Conditi ons
Value
Uni t
Min.
Typ.
Max.
POUT
f
= 1025 — 1150 MHz PIN = 3.0W
VCC
= 50V
35
40
—
W
ηcf = 1025 — 1150 MHz P
IN
= 3.0W
VCC
= 50V
10.7
11.2
—
%
GP
f
= 1025 — 1150 MHz PIN = 3.0W
VCC
= 50V
43
48
—
dB
Note:
Pulse W idth
= 10µSec
Duty Cycle
= 1%
STATIC
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
BVCBO
IC
= 10mA
IE
= 0mA
65
—
—
V
BVEBO
IE
= 1mA
IC
= 0mA
3.5
—
—
V
BVCER
IC
= 10mA
RBE
= 10Ω
65
—
—
V
ICES
VBE
= 0V
VCE
= 50V
—
—
5
mA
hFE
VCE
= 5V
IC
= 500mA
15
—
120
—
DYNAMIC
TYPICAL PERFORMANCE
TYPICAL BROADBAND POWER
AMPLIFIER
MSC81035MP
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com