Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA-H9GP Datasheet(PDF) 11 Page - ams-OSRAM AG

Part # LA-H9GP
Description  OSLON® Black
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LA-H9GP Datasheet(HTML) 11 Page - ams-OSRAM AG

Back Button LA-H9GP Datasheet HTML 7Page - ams-OSRAM AG LA-H9GP Datasheet HTML 8Page - ams-OSRAM AG LA-H9GP Datasheet HTML 9Page - ams-OSRAM AG LA-H9GP Datasheet HTML 10Page - ams-OSRAM AG LA-H9GP Datasheet HTML 11Page - ams-OSRAM AG LA-H9GP Datasheet HTML 12Page - ams-OSRAM AG LA-H9GP Datasheet HTML 13Page - ams-OSRAM AG LA-H9GP Datasheet HTML 14Page - ams-OSRAM AG LA-H9GP Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
LA H9GP
DATASHEET
DATASHEET
11 | Version 1.8 | 2023-09-29
Max. Permissible Forward Current 5)
I
F = f(T)
100
Do not use current below 100 mA
60
40
20
080
0.1
0
0.2
0.4
0.3
0.5
140
˚C
TS
I
0.7
0.6
0.8
F
0.9
1.1
A
OHL04484
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; TS = 25 °C
0.8
-5
F
I
A
tp
s
OHL04374
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
P
t
=
D T
T
tP
IF
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
0.5
1
0.01
0.02
0.05
0.1
0.2
0.005
D =
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; TS = 85 °C
0.8
-5
F
I
A
tp
s
OHL04374
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
P
t
=
D T
T
tP
IF
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
0.5
1
0.01
0.02
0.05
0.1
0.2
0.005
D =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com