Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA P476-R1T1-24-F Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # LA P476-R1T1-24-F
Description  PointLED®
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LA P476-R1T1-24-F Datasheet(HTML) 1 Page - ams-OSRAM AG

  LA P476-R1T1-24-F Datasheet HTML 1Page - ams-OSRAM AG LA P476-R1T1-24-F Datasheet HTML 2Page - ams-OSRAM AG LA P476-R1T1-24-F Datasheet HTML 3Page - ams-OSRAM AG LA P476-R1T1-24-F Datasheet HTML 4Page - ams-OSRAM AG LA P476-R1T1-24-F Datasheet HTML 5Page - ams-OSRAM AG LA P476-R1T1-24-F Datasheet HTML 6Page - ams-OSRAM AG LA P476-R1T1-24-F Datasheet HTML 7Page - ams-OSRAM AG LA P476-R1T1-24-F Datasheet HTML 8Page - ams-OSRAM AG LA P476-R1T1-24-F Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LA P476
1 Version 1.2 | 2019-07-22
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
LA P476
PointLED®
With a diameter of just 2 mm, the PointLED is one of
the smallest packages in its class and achieves high
luminous efficacies.
Due to its round and flat package, measuring only
0.775 mm high, it is ideal for application where space
is a sensitive issue.
—
Cluster, Button Backlighting
—
Electronic Equipment
—
Gaming, Amusement, Gambling
—
Transportation, Plane, Ship
—
White Goods
Features:
—
Package: white SMT package, colorless clear resin
—
Chip technology: InGaAlP
—
Typ. Radiation: 120° (Lambertian emitter)
—
Color: λ
dom = 617 nm (● amber)
—
Corrosion Robustness Class: 3B
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)


Similar Part No. - LA P476-R1T1-24-F

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LA P47B-S2U1-24-1 AMSOSRAM-LA P47B-S2U1-24-1 Datasheet
1Mb / 23P
PointLED®
Version 1.2 2019-07-16
LA P47B-T2V1-24-1 AMSOSRAM-LA P47B-T2V1-24-1 Datasheet
1Mb / 23P
PointLED®
Version 1.2 2019-07-16
LA P47B-T2V1-24-1-F AMSOSRAM-LA P47B-T2V1-24-1-F Datasheet
1Mb / 23P
PointLED®
Version 1.2 2019-07-16
LA P47F-V2BB-24-3B5A AMSOSRAM-LA P47F-V2BB-24-3B5A Datasheet
1Mb / 23P
PointLED®
Version 1.5 2025-02-26
LA P47F-V2BB-24-3B5A-F AMSOSRAM-LA P47F-V2BB-24-3B5A-F Datasheet
1Mb / 23P
PointLED®
Version 1.5 2025-02-26
More results

Similar Description - LA P476-R1T1-24-F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOP476 OSRAM-LOP476 Datasheet
586Kb / 17P
Hyper PointLED Hyper-Bright LED
LR-P47F-U2AB-1 OSRAM-LR-P47F-U2AB-1 Datasheet
564Kb / 22P
PointLED
LS-P47K-J1K2-1-Z OSRAM-LS-P47K-J1K2-1-Z Datasheet
517Kb / 20P
PointLED
LSP47F OSRAM-LSP47F_13 Datasheet
522Kb / 21P
PointLED
LSP47K OSRAM-LSP47K_14 Datasheet
517Kb / 20P
PointLED
LTP4SG OSRAM-LTP4SG Datasheet
597Kb / 22P
PointLED
LOP47F OSRAM-LOP47F Datasheet
525Kb / 22P
PointLED
logo
Advantech Co., Ltd.
SKY-TESL-A40-48P ADVANTECH-SKY-TESL-A40-48P Datasheet
202Kb / 1P
NVIDIA® Tesla® A40
19-Sep-2022
SKY-TESL-H100 ADVANTECH-SKY-TESL-H100 Datasheet
157Kb / 1P
NVIDIA® Tesla® H100
26-Oct-2022
logo
AAEON Technology
VPC-3350S AAEON-VPC-3350S Datasheet
576Kb / 2P
Multi-PoE & Fanless Appliance with Intel® Pentium®/ Celeron®/ Atom® Processor
2023/04/28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com