Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA-T676 Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # LA-T676
Description  TOPLED®
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LA-T676 Datasheet(HTML) 2 Page - ams-OSRAM AG

  LA-T676 Datasheet HTML 1Page - ams-OSRAM AG LA-T676 Datasheet HTML 2Page - ams-OSRAM AG LA-T676 Datasheet HTML 3Page - ams-OSRAM AG LA-T676 Datasheet HTML 4Page - ams-OSRAM AG LA-T676 Datasheet HTML 5Page - ams-OSRAM AG LA-T676 Datasheet HTML 6Page - ams-OSRAM AG LA-T676 Datasheet HTML 7Page - ams-OSRAM AG LA-T676 Datasheet HTML 8Page - ams-OSRAM AG LA-T676 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LA T676
DATASHEET
DATASHEET
2 | Version 1.6 | 2023-02-20
TOPLED®
LA T676
TOPLED, SMT LED with integrated reflector. With our great ex-
perience in SMT LED we are able to offer a high quality product
for all kind of applications.
Applications
- Ambient Lighting
- Automotive Aftermarket
Features
- Package: white PLCC-2 package, colorless clear resin
- Chip technology: InGaAlP
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λ
dom = 615 nm (● amber)
- Corrosion Robustness Class: 3B
- Qualifications: AEC-Q102 Qualified
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com