Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LCRDIE6/XXX Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST7LCRDIE6/XXX
Description  Full-speed USB MCU with smartcard interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LCRDIE6/XXX Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST7LCRDIE6/XXX Datasheet HTML 8Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 9Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 10Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 11Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 12Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 13Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 14Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 15Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
ST7LCR
12/29
4.2
Recommended operating conditions
Operating conditions are given for TA = 0 to +70 °C unless otherwise specified.
4.2.1
General operating conditions
4.2.2
Current injection
Positive injection
The positive injection current, IINJ+, is applied through protection diodes insulated from the
substrate of the die.
Negative injection
The negative injection current, IINJ-, is applied through protection diodes NOT INSULATED
from the substrate of the die. The drawback is a small leakage of few µA induced inside the
die when a negative injection is performed. This leakage is tolerated by the digital structure.
The effect depends on the pin which is submitted to the injection. Of course, external digital
signals applied to the component must have a maximum impedance close to 50 k
Ω.
Pure digital pins can tolerate a negative current injection of 1.6 mA. In addition, the best
choice is to inject the current as far as possible from the analog input pins.
Note:
When several inputs are submitted to a current injection, the maximum injection current is
the sum of the positive (respectively negative) currents (instantaneous values).
Refer to Table 6 for the values of IINJ- and IINJ+.
Table 4.
Thermal characteristics
Symbol
Ratings
Value
Unit
RthJA
Package thermal resistance VFQFPN24
42
°C/W
TJmax
Max. junction temperature
150
°C
TSTG
Storage temperature range
-65 to +150
°C
PDmax
Power dissipation VFQFPN24
600
mW
Table 5.
General operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Supply voltage
4.0
5.5
V
fOSC
External clock source
16
MHz
TA
Ambient temperature range
0
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com