Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1883000000 Datasheet(PDF) 4 Page - Weidmuller

Part # 1883000000
Description  SLDV-THR 5.00/18/180F 3.2SN BK BX
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1883000000 Datasheet(HTML) 4 Page - Weidmuller

  1883000000 Datasheet HTML 1Page - Weidmuller 1883000000 Datasheet HTML 2Page - Weidmuller 1883000000 Datasheet HTML 3Page - Weidmuller 1883000000 Datasheet HTML 4Page - Weidmuller 1883000000 Datasheet HTML 5Page - Weidmuller 1883000000 Datasheet HTML 6Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Data sheet
SLDV-THR 5.00/18/180F 3.2SN BK BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
Important note
 
IPC conformity
Conformity: The products are developed, manufactured and delivered according international
recognized standards and norms and comply with the assured properties in the data sheet resp.
fulfill decorative properties in accordance with IPC-A-610 "Class 2". Further claims on the products
can be evaluated on request.
Notes
• Rated current related to rated cross-section & min. No. of poles.
• Spacing between rows: see hole layout
• P on drawing = pitch
• Rated data refer only to the component itself. Clearance and creepage distances to other
components are to be designed in accordance with the relevant application standards.
• In accordance with IEC 61984, OMNIMATE-connectors are connectors without breaking
capacity (COC). During designated use, connectors are not allowed to be engaged or
disengaged when live or under load
• Long term storage of the product with average temperature of 50 °C and maximum humidity
70%, 36 months
 
Classifications
 
ETIM 8.0
EC002637
ETIM 9.0
EC002637
ETIM 10.0
EC002637
ECLASS 14.0
27-46-02-01
ECLASS 15.0
27-46-02-01
 
 
Creation date 19.02.2026 07:14:54 MEZ
 
Catalogue status / Drawings
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com